Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4086 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP4086 Datasheet HTML 6Page - Renesas Technology Corp HIP4086 Datasheet HTML 7Page - Renesas Technology Corp HIP4086 Datasheet HTML 8Page - Renesas Technology Corp HIP4086 Datasheet HTML 9Page - Renesas Technology Corp HIP4086 Datasheet HTML 10Page - Renesas Technology Corp HIP4086 Datasheet HTML 11Page - Renesas Technology Corp HIP4086 Datasheet HTML 12Page - Renesas Technology Corp HIP4086 Datasheet HTML 13Page - Renesas Technology Corp HIP4086 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HIP4086, HIP4086A
FN4220 Rev 1.00
Page 10 of 17
January 12, 2017
Functional Description
Input Logic
NOTE: When appropriate for brevity, input and output pins will be prefixed
with an “x” as a substitute for A, B, or C. For example, xHS refers to pins
AHS, BHS, and CHS.
The HIP4086/A are 3-phase bridge drivers designed specifically
for motor drive applications. Three identical half bridge sections,
A, B and C, can be controlled individually by their input pins, ALI,
AHI, BLI, BHI, and CLI, CHI (xLI, xHI) or the 2 corresponding input
pins for each section can be tied together to form a PWM input
(xLI connected to xHI = xPWM). When controlling individual
inputs, the programmable dead time is optional but
shoot-through protection must then be incorporated in the timing
of the input signals. If the PWM mode is chosen, then the internal
programmable dead time must be used.
Shoot-Through Protection
Dead time, to prevent shoot-through, is implemented by delaying
the turn-on of the high-side and low-side drivers. The delay timers
are enabled if the voltage on the RDEL pin is greater than
100mV. The voltage on RDEL will be greater than 100mV for any
value of programming resistor in the specified range. If the
voltage on RDEL is less than 100mV, the delay timers are
disabled and no shoot-through protection is provided by the
internal logic of the HIP4086/A. When the dead time is to be
disabled, RDEL should be shorted to VSS.
Refresh Pulse
To insure that the boot capacitors are charged prior to turning on
the high-side drivers, a refresh pulse is triggered when DIS is low
or when the UV comparator transitions low (VDD is greater than
the programmed undervoltage threshold). Please refer to the
“Block Diagram” on page 2. When triggered, the refresh pulse
turns on all of the low-side drivers (xLO = 1) and turns off all of
the high-side drivers (xHO = 0) for a duration set by a resistor tied
between RDEL and VSS. When xLO = 1, the low-side bridge FETs
charge the boot capacitors from VDD through the boot diodes.
FIGURE 19. DEAD TIME
FIGURE 20. UNDERVOLTAGE THRESHOLD
FIGURE 21. IxHS LEAKAGE CURRENT
Typical Performance Curves (Continued)
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120
140
160
0
2
4
6
RDEL = 100kΩ
RDEL = 10kΩ
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
ENABLE (50kΩ, UVLO TO GND)
TRIP (50k, UVLO TO GND)
ENABLE (UVLO OPEN)
TRIP (UVLO OPEN)
TRIP/ENABLE (0kΩ, UVLO TO VDD)
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
10
15
20
25
VxHS = 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com