Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4086 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP4086 Datasheet HTML 7Page - Renesas Technology Corp HIP4086 Datasheet HTML 8Page - Renesas Technology Corp HIP4086 Datasheet HTML 9Page - Renesas Technology Corp HIP4086 Datasheet HTML 10Page - Renesas Technology Corp HIP4086 Datasheet HTML 11Page - Renesas Technology Corp HIP4086 Datasheet HTML 12Page - Renesas Technology Corp HIP4086 Datasheet HTML 13Page - Renesas Technology Corp HIP4086 Datasheet HTML 14Page - Renesas Technology Corp HIP4086 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HIP4086, HIP4086A
FN4220 Rev 1.00
Page 11 of 17
January 12, 2017
Charge Pump
The internal charge pump of the HIP4086/A is used to maintain
the bias on the boot capacitor for 100% duty cycle. There is no
limit for the duration of this period. The user must understand
that this charge pump is only intended to provide the static bias
current of the high-side drivers and the gate leakage current of
the high-side bridge FETs. It cannot provide in a reasonable time,
the majority of the charge on the boot capacitor that is
consumed, when the xHO drivers source the gate charge to turn
on the high-side bridge FETs. The boot capacitors should be sized
so that they do not discharge excessively when sourcing the gate
charge. See “Application Information” for methods to size the
boot capacitors.
The charge pump has sufficient capacity to source a worst-case
minimum of 40µA to the external load. The gate leakage current
of most power MOSFETs is about 100nA so there is more than
sufficient current to maintain the charge on the boot capacitors.
Because the charge pump current is small, a gate-to-source
resistor on the high-side bridge FETs is not recommended. When
calculating the leakage load on the outputs of xHS, also include
the leakage current of the boot capacitor. This is rarely a problem
but it could be an issue with electrolytic capacitors at high
temperatures.
Application Information
Selecting the Boot Capacitor Value
The boot capacitor value is chosen not only to supply the internal
bias current of the high-side driver but also, and more
significantly, to provide the gate charge of the driven FET without
causing the boot voltage to sag excessively. In practice, the boot
capacitor should have a total charge that is about 20 times the
gate charge of the driven power FET for approximately a 5% drop
in voltage after charge has been transferred from the boot
capacitor to the gate capacitance.
The following parameters shown in Table 2 are required to
calculate the value of the boot capacitor for a specific amount of
voltage droop when using the HIP4086/A (no charge pump). In
Table 2, the values used are arbitrary. They should be changed to
comply with the actual application.
Equation 1 calculates the total charge required for the Period
duration. This equation assumes that all of the parameters are
constant during the Period duration. The error is insignificant if
Ripple is small.
If the gate-to-source resistor is removed (RGS is usually not
needed or recommended), then:
Cboot = 0.33µF
These values of Cboot will sustain the high-side driver bias during
Period with only a small amount of Ripple. But in the case of the
HIP4086, the charge pump reduces the value of Cboot even
more. The specified charge pump current is a minimum of 40µA,
which is more than sufficient to source Igate_leak. Also, because
the specified charge pump current is in excess of what is needed
for IHB, the total charge required to be sourced by the boot
capacitor is shown by Equation 2.
Not only is the required boot capacitor smaller in value, there is
no restriction on the duration of Period.
TABLE 2.
VDD = 10V
VDD can be any value between 7 and 15VDC.
VHB = VDD - 0.6V
= VHO
High-side driver bias voltage (VDD - boot diode
voltage) referenced to VHS.
Period = 1ms
This is the longest expected switching period.
IHB= 100µA
Worst case high-side driver current when
xHO = high (this value is specified for VDD = 12V
but the error is not significant).
RGS = 100kΩ
Gate-to-source resistor (usually not needed).
Ripple = 5%
Desired ripple voltage on the boot capacitor
(larger ripple is not recommended).
Igate_leak = 100nA
From the FET vendor’s datasheet.
Qgate80V = 64nC
From Figure 22.
QC Qgate80V
=
Period (IHB
VHO RGS Igate_leak
+
)
++
(EQ. 1)
Cboot QC
=
RippleVDD

Cboot
0.52
F
=
QC Qgate80V
=
or Cboot
0.13
F
=
(EQ. 2)
FIGURE 22. TYPICAL GATE VOLTAGE vs GATE CHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com