Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740IBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6740IBZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6740IBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6740IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ISL6740, ISL6741
FN9111 Rev.7.00
Page 13 of 30
Jul 7, 2017
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize noise
immunity, bypass VDD to GND with a ceramic capacitor as close
to the VDD and GND pins as possible.
The total supply current, IDD, will be dependent on the load
applied to outputs OUTA and OUTB. Total IDD current is the sum
of the quiescent current and the average output current. Knowing
the operating frequency, fSW, and the output loading capacitance
charge, Q, per output, the average output current can be
calculated from:
SYNC - A bidirectional synchronization signal used to coordinate
the switching frequency of multiple units. Synchronization may
be achieved by connecting the SYNC signal of each unit together
or by using an external master clock signal. The oscillator timing
capacitor, CT, is always required regardless of the synchronization
method used. The paralleled unit with the highest oscillator
frequency assumes control. Self-synchronization is not
recommended for oscillator frequencies above 900kHz. For
higher switching frequencies, an external clock with a pulse
width less than one-half of the oscillator period must be used.
RTC - This is the oscillator timing capacitor charge current control
pin. A resistor is connected between this pin and GND. The
current flowing through the resistor determines the magnitude of
the charge current. The charge current is nominally twice this
current. The PWM maximum ON time is determined by the
timing capacitor charge duration.
RTD - This is the oscillator timing capacitor discharge current
control pin. A resistor is connected between this pin and GND.
The current flowing through the resistor determines the
magnitude of the discharge current. The discharge current is
nominally 50x this current. The PWM dead time is determined by
the timing capacitor discharge duration.
CT - The oscillator timing capacitor is connected between this pin
and GND.
VERROR - The inverting input of the PWM comparator. The error
voltage is applied to this pin to control the duty cycle. Increasing
the signal level increases the duty cycle. The node may be driven
with an external error amplifier or optocoupler.
The ISL6740, ISL6741 features a built-in soft-start. Soft-start is
implemented as a clamp on the error voltage input.
Typical Performance Curves
FIGURE 6. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 7. OSCILLATOR CT DISCHARGE CURRENT GAIN
FIGURE 8. DEAD TIME (TD) vs CAPACITANCE
FIGURE 9. CAPACITANCE vs FREQUENCY
1.001
1.000
0.999
0.998
0.997
-40
-25 -10
5
20
35
50
65
80
95 110
TEMPERATURE (°C)
65
60
55
50
45
40
0
50 100 150 200 250 300 350 400 450 500
RTD CURRENT (µA)
1•104
1•103
100
10
10
20
30
40
50
60
70
80
90
100
RTD (kΩ)
470
330
220
100
CT (pF) =
680
1000
1•106
1•104
60
70
80
90
100
RTC (kΩ)
10
20
30
40
50
680
1000
330
470
220
100
CT (pF) =
RTD = 10k
1•105
IOUT
2QfSW
=
A
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com