Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740IBZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6740IBZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6740IBZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6740IBZ Datasheet HTML 17Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 18Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 19Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 20Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 21Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 22Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 23Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 24Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ISL6740, ISL6741
FN9111 Rev.7.00
Page 21 of 30
Jul 7, 2017
To obtain the proper value for RTD, Equation 3 on page 14 is
used. Since there is a 10ns propagation delay in the oscillator
circuit, it must be included in the calculation. The value of RTD
selected is 8.06kΩ.
A similar procedure is used to determine the value of RTC using
Equation 2 on page 14. The value of RTC selected is the series
combination of 17.4kΩ and 1.27kΩ. See section “Overcurrent
Component Selection” on page 21 for further explanation.
Output Filter Design
The output filter inductor and capacitor selection is simple and
straightforward. Under steady state operating conditions the
voltage across the inductor is very small due to the large duty
cycle. Voltage is applied across the inductor only during the
switch transition time, about 45ns in this application. Ignoring
the voltage drop across the SR FETs, the voltage across the
inductor during the ON time with VIN = 48V is:
Where:
VL is the inductor voltage
VS is the voltage across the secondary winding
VOUT is the output voltage
If we allow a current ramp,
I, of 5% of the rated output current,
the minimum inductance required is:
An inductor value of 1.4µH, rated for 18A was selected.
With a maximum input voltage of 53V, the maximum output
voltage is about 13V. The closest higher voltage rated capacitor
is 16V. Under steady state operating conditions the ripple current
in the capacitor is small, so it would seem appropriate to have a
low ripple current rated capacitor. However, a high rated ripple
current capacitor was selected based on the nature of the
intended load, multiple buck regulators. To minimize the output
impedance of the filter, a Sanyo OSCON 16SH150M capacitor in
parallel with a 22µF ceramic capacitor were selected.
Overcurrent Component Selection
There are two circuit areas to consider when selecting the
components for overcurrent protection, current limit and
short-circuit shutdown. The current limit threshold is fixed at 0.6V
while the short-circuit threshold is set to a fraction of the duty
cycle the designer wishes to define as a short-circuit.
The current level that corresponds to the overcurrent threshold
must be chosen to allow for the dynamic behavior of an open
loop converter. In particular, the low inductor ripple current under
steady state operation increases significantly as the duty cycle
decreases.
Figures 14 and 15 show the behavior of the inductor ripple under
steady state and overcurrent conditions. In this example, the
peak current limit is set at 11A. The peak current limit causes
the duty cycle to decrease resulting in a reduction of the average
current through the inductor. The implication is that the converter
cannot supply the same output current in current limit that it can
supply under steady state conditions. The peak current limit
setpoint must take this behavior into consideration. A 3.32Ω
current sense resistor was selected for the rectified secondary of
current transformer T2, corresponding to a peak current limit
setpoint of 16.5A.
The short-circuit protection involves setting a voltage between 0
and 2V on the SCSET pin. The applied voltage divided by 2 is the
percent of maximum duty cycle that corresponds to a
short-circuit when the peak current limit is active. A divider from
RTC to ground provides an easy method to achieve this. The
divider between RTC and GND formed by R13 and R15
determines the percent of maximum duty cycle that corresponds
to a short-circuit. The divider ratio formed by R13 and R15 is:
Therefore, the duty cycle that corresponds to a short-circuit is
6.8% of D max (97.9%), or ~6.6%.
VL
VS VOUT
–
VIN NS 1D
–

2NP
------------------------------------------------ 250
==
mV
(EQ. 22)
L
VL TON
I
-------------------------
0.25 2.08
0.5
-----------------------------
1.04
==
H
(EQ. 23)
FIGURE 14. STEADY STATE SECONDARY WINDING VOLTAGE AND
INDUCTOR CURRENT
14
13
12
11
10
9
8
0.9950
0.9960
0.9970
0.9980
0.9990
1.000
TIME (ms)
V (L1:1)
I (L1)
FIGURE 15. SECONDARY WINDING VOLTAGE AND INDUCTOR
CURRENT DURING CURRENT LIMIT OPERATION
0.986
0.988
0.990
0.992
0.994
1.000
TIME (ms)
0.996
0.998
15
10
5
V (L1:1)
I (L1)
R15
R13 R15
+
-----------------------------
1.27k
1.27k 17.4k
+
------------------------------------
0.068
==
(EQ. 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com