Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6740IBZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6740IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6740IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 17Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ISL6740, ISL6741
FN9111 Rev.7.00
Page 14 of 30
Jul 7, 2017
OTS - The noninverting input to the over-temperature shutdown
comparator. The signal input at this pin is compared to an
internal threshold of VREF/2. If the voltage at this pin exceeds the
threshold, the Fault signal is asserted and the outputs are
disabled until the condition clears. There is a nominal 25µA
switched current source used for hysteresis. The amount of
hysteresis is adjustable by varying the source impedance of the
signal into this pin.
OTS may be used to monitor parameters other than temperature,
such as voltage. Any signal for which a high out-of-bounds
monitor is desired may utilize the OTS comparator.
FAULT - The Fault signal is asserted high whenever the outputs,
OUTA and OUTB, are disabled. This occurs during an
over-temperature fault, an input UV fault, a VREF UV fault, or
during an overcurrent (ISL6740) or short-circuit shutdown fault.
Fault can be used to disable synchronous rectifiers whenever the
outputs are disabled.
Fault is a three-state output and is high impedance during the
soft-start cycle. Adding a pull-up resistor to VREF or a pull-down
resistor to ground determines the state of Fault during soft-start.
This feature allows the designer to use the Fault signal to enable
or disable output synchronous rectifiers during soft-start.
UV - Undervoltage monitor input pin. A resistor divider between
the input source voltage and GND sets the undervoltage lock out
threshold. The signal is compared to an internal 1.00V reference
to detect an undervoltage or inhibit condition.
CS - This is the input to the current sense comparator(s). The IC
has the PWM comparator for peak current mode control
(ISL6741) and an overcurrent protection comparator. The
overcurrent comparator threshold is set at 0.600V nominal.
The CS pin is shorted to GND at the end of each switching cycle.
Depending on the current sensing source impedance, a series
input resistor may be required due to the delay between the
internal clock and the external power switch. This delay may
allow an overlap such that the CS signal may be discharged while
the current signal is still active. If the current sense source is low
impedance, it will cause increased power dissipation.
ISL6740 - Exceeding the overcurrent threshold will start a
delayed shutdown sequence. Once an overcurrent condition is
detected, the soft-start charge current source is disabled. The
soft-start capacitor begins discharging through a 25µA current
source, and if it discharges to less than 4.25V (sustained
overcurrent threshold), a shutdown condition occurs and the
OUTA and OUTB outputs are forced low. When the soft-start
voltage reaches 0.27V (reset threshold) a soft-start cycle begins.
An overcurrent condition must be absent for 50µs before the
delayed shutdown control resets. If the overcurrent condition
ceases, and an additional 50µs period elapses before the
shutdown threshold is reached, no shutdown occurs. The SS
charging current is re-enabled and the soft-start voltage is
allowed to recover.
ISL6741 - The ISL6741 current mode controller does not shut
down due to an overcurrent condition. The pulse-by-pulse current
limit characteristic of peak current mode control limits the
output current to acceptable levels.
GND - Reference and power ground for all functions on this
device. Due to high peak currents and high frequency operation,
a low impedance layout is necessary. Ground planes and short
traces are highly recommended.
OUTA and OUTB - Alternate half cycle output stages. Each output
is capable of 0.5A peak currents for driving logic level power
MOSFETs or MOSFET drivers. Each output provides very low
impedance to overshoot and undershoot.
VREF - The 5.00V reference voltage output. +1%/-2% tolerance
over line, load and operating temperature. Bypass to GND with a
0.047µF to 2.2µF ceramic capacitor. Capacitors outside of this
range may cause oscillation.
SS - Connect the soft-start timing capacitor between this pin and
GND to control the duration of soft-start. The value of the
capacitor determines the rate of increase of the duty cycle during
start-up, controls the overcurrent shutdown delay (ISL6740), and
the overcurrent and short-circuit hiccup restart period.
SCSET - Sets the duty cycle threshold that corresponds to a
short-circuit condition. A resistive divider between RTC and GND
or RTD and GND, or a voltage between 0V and 2V may be used to
adjust the SCSET threshold. If using a resistor divider from either
RTC or RTD, the impedance to GND affects the oscillator timing
and should be considered when determining the oscillator timing
components. Connecting SCSET to GND disables short-circuit
shutdown and hiccup.
Functional Description
Features
The ISL6740, ISL6741 PWMs are an excellent choice for low cost
bridge and push-pull topologies for applications requiring
accurate duty cycle and dead time control. With its many
protection and control features, a highly flexible design with
minimal external components is possible. Among its many
features are current mode control (ISL6741), adjustable
soft-start, overcurrent protection, thermal protection,
bidirectional synchronization, fault indication and adjustable
frequency.
Oscillator
The ISL6740, ISL6741 have an oscillator with a programmable
frequency range to 2MHz, which can be programmed with two
resistors and capacitor. The use of three timing elements, RTC,
RTD, and CT allow great flexibility and precision when setting the
oscillator frequency.
The switching period may be considered the sum of the timing
capacitor charge and discharge durations. The charge duration is
determined by RTC and CT. The discharge duration is determined
by RTD and CT.
tC 0.5 RTC
CT
S
(EQ. 2)
tD 0.02 RTD
CT
S
(EQ. 3)
tSW
tC tD
+
1
fSW
----------
==
S
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com