Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20045DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20045DN
Description  Low Noise, 1A, Linear Regulator EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20045DN Datasheet HTML 1Page - Monolithic Power Systems MP20045DN Datasheet HTML 2Page - Monolithic Power Systems MP20045DN Datasheet HTML 3Page - Monolithic Power Systems MP20045DN Datasheet HTML 4Page - Monolithic Power Systems MP20045DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV20045DN-00A – LOW NOISE, 1A LINEAR REGULATOR
EV20045DN-00A Rev. 1.0
www.MonolithicPower.com
2
11/3/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PG
VIN
C1
NS
R3
100k
U1
R4
100k
R1
10k
R2
10k
COUT
NS
EN
7,8
6
4
3
5
1,2
EN
GND
FB
VOUT
MP20045
VOUT
PG
VIN
EV20045DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
CIN
10uF
Ceramic
Capacitor,X7R,16V
1210
TDK
C3225X7R1C106M
1
C2
2.2uF
Ceramic
Capacitor,X7R,16V
0805
TDK
C2012X7R1C225K
1
C3
100pF
Ceramic
Capacitor,C0G,50V
0603
TDK
C1608C0G1H101J
0
C1,COUT
NS
2
R1, R2
10kΩ
Film Res, 1%
0603
Any
2
R3, R4
100kΩ Film Res, 5%
0603
Any
1
U1
LDO Regulator
SOIC8E
MPS
MP20045DN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com