Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20045DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20045DN
Description  Low Noise, 1A, Linear Regulator EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20045DN Datasheet HTML 1Page - Monolithic Power Systems MP20045DN Datasheet HTML 2Page - Monolithic Power Systems MP20045DN Datasheet HTML 3Page - Monolithic Power Systems MP20045DN Datasheet HTML 4Page - Monolithic Power Systems MP20045DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV20045DN-00A
Low Noise, 1A, Linear
Regulator EV Board
EV20045DN-00A Rev. 1.0
www.MonolithicPower.com
1
11/3/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV20045DN-00A
evaluation
board
demonstrates the performance of MP20045, a
low noise and low dropout linear regulator. It
operates from a 2.5V to 5.5V input voltage and
the output voltage can be set externally which
ranges from 1.5V to 5V.
The EV20045DN-00A can supply up to 1A of
load current, and features current limiting, over
temperature protection and power-good status.
An internal PMOS pass element is used to
allow a low 110uA ground current, marking the
MP20045 suitable for battery-power devices.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3.5 – 5.5
V
Output Voltage
VOUT
3
V
Load Current
IOUT
1
A
FEATURES
• Up to 1A Output Current
• Low 140mV Dropout at 1A
• Adjustable Output
• 56dB PSRR at 1kHz
• 13μVRMS Low Noise Output
• Open Drain Power-Good Status Output
• Very Fast Transient Responses
• Current Limit and Thermal Protection
APPLICATIONS
• Notebook Computers
• Cordless Telephones
• Cellular Phones
• Modems
• Hand-Held Instruments
• PDA and Palmtop Computers
MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV20045DN-00A EVALUATION BOARD
(L x W x H) 2.5” x 2.5” x 0.4”
(6.35cm x 6.35cm x 1.1cm)
Board Number
MPS IC Number
EV20045DN-00A
MP20045DN


Similar Part No. - MP20045DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20045DN MPS-MP20045DN Datasheet
379Kb / 13P
Low Noise, 1A Linear Regulator
MP20045DN-15 MPS-MP20045DN-15 Datasheet
379Kb / 13P
Low Noise, 1A Linear Regulator
MP20045DN-18 MPS-MP20045DN-18 Datasheet
379Kb / 13P
Low Noise, 1A Linear Regulator
MP20045DN-25 MPS-MP20045DN-25 Datasheet
379Kb / 13P
Low Noise, 1A Linear Regulator
MP20045DN-33 MPS-MP20045DN-33 Datasheet
379Kb / 13P
Low Noise, 1A Linear Regulator
More results

Similar Description - MP20045DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
Low Noise, 1A Linear Regulator
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
EV2005DD-00A MPS-EV2005DD-00A Datasheet
158Kb / 4P
800mA Low-Current LDO Linear Regulator EV Board
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DQ-00A MPS-EV20051DQ-00A Datasheet
176Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com