Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20045DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20045DN
Description  Low Noise, 1A, Linear Regulator EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20045DN Datasheet HTML 1Page - Monolithic Power Systems MP20045DN Datasheet HTML 2Page - Monolithic Power Systems MP20045DN Datasheet HTML 3Page - Monolithic Power Systems MP20045DN Datasheet HTML 4Page - Monolithic Power Systems MP20045DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV20045DN-00A – LOW NOISE, 1A LINEAR REGULATOR
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV20045DN-00A Rev. 1.0
www.MonolithicPower.com
5
11/3/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
QUICK START GUIDE (MODIFICATION FOR FIXED OUTPUT)
For modifying the EV20045DN-00A to accommodate a fixed output voltage version of the MP20045 as
the figure 5:
1. Carefully remove the IC(U1) and replace it with the corresponding fixed output version of the
MP20045 chip.
2. Remove both R1 and R2.
3. Short R1 while leaving R2 open.
4. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
5. Attach the Input Voltage (3.5V ≤ VIN ≤ 5.5V) and Input Ground to the VIN and GND pins,
respectively.
6. To enable the MP20045, apply a voltage, 1.5V ≤ VEN ≤ 5.5V, to the EN pin. To disable the MP20045,
apply a voltage, VEN < 0.4V, to the EN pin. The EN pin can be connected to VIN with a 100kΩ
resistor for automatic startup.
Please refer to the datasheet for the detailed information of the different output voltage option of
MP20045.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com