Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9252V Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE9252V
Description  High-Speed CAN FD Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9252V Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE9252V Datasheet HTML 21Page - Infineon Technologies AG TLE9252V Datasheet HTML 22Page - Infineon Technologies AG TLE9252V Datasheet HTML 23Page - Infineon Technologies AG TLE9252V Datasheet HTML 24Page - Infineon Technologies AG TLE9252V Datasheet HTML 25Page - Infineon Technologies AG TLE9252V Datasheet HTML 26Page - Infineon Technologies AG TLE9252V Datasheet HTML 27Page - Infineon Technologies AG TLE9252V Datasheet HTML 28Page - Infineon Technologies AG TLE9252V Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Data Sheet
25
Rev. 1.01
2018-01-09
TLE9252V
High-Speed CAN FD Transceiver
Fail safe functions
6
Fail safe functions
6.1
Short Circuit Protection
The CANH and CANL bus pins are proven to withstand a short circuit fault against GND and against the supply
voltages. A current limiting circuit protects the transceiver against damages.
6.2
Undervoltage detection
The TLE9252V has three independent undervoltage detections: VBAT, VCC and VIO. Undervoltage events may
have impact on the functionality of the device and also may change the mode of operation (see Chapter 5).
6.2.1
Undervoltage and power-down detection on VBAT
The power-down is detected if the power supply VBAT is below VBAT_POD for more than the glitch filter time
tVBAT_filter. This glitch filter is implemented in order to prevent an undervoltage detection due to short voltage
transients on VBAT. In case of an power-down detection on VBAT the TLE9252V is switched off (Power On Reset).
If VBAT recovers (VBAT > VBAT_UV) the TLE9252V enters by default Stand-by Mode. If VBAT > VBAT_POD the INH output
pin is connected to VBAT. Figure 20 shows the undervoltage scenario.
Figure 20 VBAT power-down undervoltage detection (VCC not available)
If an undervoltage is detected VBAT < VBAT_UV for t > tVBAT_filter the Local Wake-Up function is disabled (Figure 21).
Figure 21 VBAT undervoltage detection
VBAT
t
Any Mode
VBAT_POD
tVBAT_filter
Mode
tVBAT_filter
Stand-by Mode 1)
tPON
Power On Reset
1) Assuming EN = NSTB = „0"
VCC = 0V
VBAT_UV
VBAT
t
Enabled
VBAT_UV
tVBAT_filter
Local
Wake
Evaluation
tVBAT_filter
tVBAT_filter
Disabled
In Stand-by Mode, Go-to-Sleep Mode and Sleep Mode
Enabled
VBAT_POD
tVBAT_Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com