Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9252V Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9252V
Description  High-Speed CAN FD Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9252V Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9252V Datasheet HTML 9Page - Infineon Technologies AG TLE9252V Datasheet HTML 10Page - Infineon Technologies AG TLE9252V Datasheet HTML 11Page - Infineon Technologies AG TLE9252V Datasheet HTML 12Page - Infineon Technologies AG TLE9252V Datasheet HTML 13Page - Infineon Technologies AG TLE9252V Datasheet HTML 14Page - Infineon Technologies AG TLE9252V Datasheet HTML 15Page - Infineon Technologies AG TLE9252V Datasheet HTML 16Page - Infineon Technologies AG TLE9252V Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Data Sheet
13
Rev. 1.01
2018-01-09
TLE9252V
High-Speed CAN FD Transceiver
Modes of operation
5.2
Receive-only Mode
In Receive-only Mode the transmitter is disabled and the receiver is enabled. The TLE9252V can receive data
from the HS CAN bus, but cannot transmit data to the HS CAN bus.
• The transmitter is disabled and the data available on the TxD input is blocked.
• The receiver is active and converts the signals from the bus to a serial data stream on the RxD output pin.
• The bus biasing is connected to VCC/2.
• The TxD time-out function is disabled.
• The RxD Recessive Clamping detection is disabled.
• The overtemperature protection is disabled.
• The undervoltage detection on VBAT, VCC and VIO is enabled (see Chapter 6.2).
• The INH output pin is connected to VBAT.
• The Local Wake-Up pin is disabled.
• The Power-up flag is signalled at the pin NERR when coming from Standby, Sleep or Go-to Sleep Command
mode.
•The VCC undervoltage detection is active and an undervoltage is indicated at the NERR output pin when
coming from Normal-operating Mode (see Chapter 7).
Conditions for Entering Receive-only Mode:
The TLE9252V enters Receive-only Mode by setting the mode selection pin EN to logical “low” and the NSTB
to logical “high” (see Figure 4 and Table 2). Receive-only Mode can only be entered if VBAT or VCC is in the
functional range and the reference voltage VIO is in the functional range.
Possible mode changes are described in Figure 6.
Figure 6
Mode changes in Receive-only Mode
Sleep Mode
Go-to-Sleep
Command
Stand-by Mode
Normal-
operating Mode
Go-to-Sleep
Command
Stand-by Mode
Normal-
operating Mode
Receive-only
Mode
EN = 0
NSTB = 1
INH = „ON“
EN = 0
NSTB -> 1
EN -> 0
NSTB -> 1
EN -> 1
NSTB -> 0
EN -> 1
NSTB = 1
EN -> 0
NSTB = 1
EN = 0
NSTB -> 1
EN = 0
NSTB -> 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com