Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9252V Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9252V
Description  High-Speed CAN FD Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9252V Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9252V Datasheet HTML 17Page - Infineon Technologies AG TLE9252V Datasheet HTML 18Page - Infineon Technologies AG TLE9252V Datasheet HTML 19Page - Infineon Technologies AG TLE9252V Datasheet HTML 20Page - Infineon Technologies AG TLE9252V Datasheet HTML 21Page - Infineon Technologies AG TLE9252V Datasheet HTML 22Page - Infineon Technologies AG TLE9252V Datasheet HTML 23Page - Infineon Technologies AG TLE9252V Datasheet HTML 24Page - Infineon Technologies AG TLE9252V Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Data Sheet
21
Rev. 1.01
2018-01-09
TLE9252V
High-Speed CAN FD Transceiver
Modes of operation
5.8
Wake-Up functions
There are several possibilities for a mode change from Sleep Mode to another operation mode:
• Wake-Up Pattern (WUP)
• Local Wake-Up (LWU)
In typical applications the power supplies VCC and VIO are turned off in Sleep Mode. This means a mode change
can only be caused by an external event as WUP OR LWU. The detection of a valid WUP or LWU triggers a mode
change from Sleep Mode to Stand-by Mode.
5.8.1
Wake-up Pattern (WUP)
Within the maximum wake-up time tWAKE, the Wake-Up Pattern consists of a “dominant” signal with the pulse
width t > tFilter, followed by a “recessive” signal with the pulse width t > tFilter and another “dominant” signal
with the pulse width t > tFilter (see Figure 14).
Figure 14 Wake-Up Pattern (WUP)
The diagnostic output NERR and RxD will indicate a valid Wake-Up Pattern on the HS CAN bus.
A Wake-Up Pattern is not valid under the following conditions:
• A mode change to Normal-operating Mode OR Receive-only Mode is performed during the Wake-Up
Pattern.
• The maximum wake-up time tWAKE expires before a valid WUP has been detected.
• The transceiver is powered down (VBAT < VBAT_POD AND VCC < VCC_POD).
In Stand-by Mode the RxD output pin and the NERR diagnostic pin display the WUP detection (Details see
Chapter 7).
t
VDiff
RxD
t > tFilter
t
VIO
30% of VIO
VDiff_D_SLP
t < tWake
t > tFilter
t > tFilter
tWU
VDiff_R_SLP
NERR
t
VIO
30% of VIO
wake-up
detected
Stand-by Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com