Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554IREZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL7554IREZ
Description  Monolithic 4A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7554IREZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL7554IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 9Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 10Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 11Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 12Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 13Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FN7360 Rev 5.00
Page 13 of 14
November 5, 2007
EL7554
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2004-2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Thermal Management
The EL7554IRE is packaged in a thermally-efficient
HTSSOP-28 package, which utilizes the exposed thermal
pad at the bottom to spread heat through PCB metal.
Therefore:
1. The thermal pad must be soldered to the PCB
2. Maximize the PCB area
3. If a multiple layer PCB is used, thermal vias (13 to 25 mil)
must be placed underneath the thermal pad to connect to
ground plane(s). Do not place thermal reliefs on the vias.
Figure 25 shows a typical connection.
The thermal resistance for this package is as low as +26°C/W
for 2 layer PCB of 0.39" thickness (see Figure 9). The actual
junction temperature can be measured at VTJ pin.
The thermal performance of the IC is heavily dependent on
the layout of the PCB. The user should exercise care during
the design phase to ensure the IC will operate within the
recommended environmental conditions.
FIGURE 25. PCB LAYOUT - 28 Ld HTSSOP PACKAGE
Layout Considerations
The layout is very important for the converter to function
properly. Follow these tips for best performance:
1. Separate the Power Ground ( ) and Signal Ground (
);
connect them only at one point right at the SGND pin
2. Place the input capacitor(s) as close to VIN and PGND
pins as possible
3. Make as small as possible the loop from LX pins to L to
CO to PGND pins
4. Place R1 and R2 pins as close to the FB pin as possible
5. Maximize the copper area around the PGND pins; do not
place thermal relief around them
6. Thermal pad should be soldered to PCB. Place several
via holes under the chip to the ground plane to help heat
dissipation
The demo board is a good example of layout based on this
outline. Please refer to the EL7554 Application Brief.
GROUND PLANE
CONNECTION
COMPONENT SIDE
CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com