Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554IREZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7554IREZ
Description  Monolithic 4A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7554IREZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7554IREZ Datasheet HTML 1Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 2Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 3Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 4Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 5Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL7554
FN7360 Rev 5.00
Page 2 of 14
November 5, 2007
Typical Application Diagram
0.018µF
0.018µF
2.2µH
47µF
VOUT
(1.8V, 4A)
2x10µF
VIN
(3V TO
6V)
0.22µF
220pF
COMP
VREF
FB
VO
VTJ
TM
SEL
LX
LX
LX
LX
LX
LX
NC
SGND
COSC
STN
STP
EN
PG
VDD
VIN
VIN
VIN
PGND
PGND
PGND
NC
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
R2
R1
2.32K
10.2K
12.7K
CC
RC
COUT
COSC
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com