Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554IREZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # EL7554IREZ
Description  Monolithic 4A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7554IREZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button EL7554IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 9Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 10Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 11Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 12Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 13Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
EL7554
FN7360 Rev 5.00
Page 14 of 14
November 5, 2007
HTSSOP (Heat-Sink TSSOP) Family
N
(N/2)+1
(N/2)
TOP VIEW
A
D
0.20 C
2X
B A
N/2 LEAD TIPS
B
E1
E
0.25
CA B
M
1
H
PIN #1 I.D.
0.05
e
C
0.10 C
N LEADS
SIDE VIEW
0.10
CAB
M
b
c
SEE DETAIL “X”
END VIEW
DETAIL X
A2
0° - 8°
GAUGE
PLANE
0.25
L
A1
A
L1
SEATING
PLANE
BOTTOM VIEW
EXPOSED
THERMAL PAD
E2
D1
MDP0048
HTSSOP (HEAT-SINK TSSOP) FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
14 LD 20 LD 24 LD 28 LD 38 LD
A
1.20
1.20
1.20
1.20
1.20
Max
A1
0.075 0.075 0.075 0.075 0.075
±0.075
A2
0.90
0.90
0.90
0.90
0.90
+0.15/-0.10
b
0.25
0.25
0.25
0.25
0.22
+0.05/-0.06
c
0.15
0.15
0.15
0.15
0.15
+0.05/-0.06
D
5.00
6.50
7.80
9.70
9.70
±0.10
D1
3.2
4.2
4.3
5.0
7.25
Reference
E
6.40
6.40
6.40
6.40
6.40
Basic
E1
4.40
4.40
4.40
4.40
4.40
±0.10
E2
3.0
3.0
3.0
3.0
3.0
Reference
e
0.65
0.65
0.65
0.65
0.50
Basic
L
0.60
0.60
0.60
0.60
0.60
±0.15
L1
1.00
1.00
1.00
1.00
1.00
Reference
N
1420242838
Reference
Rev. 3 2/07
NOTES:
1. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15mm per side.
2. Dimension “E1” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm per
side.
3. Dimensions “D” and “E1” are measured at Datum Plane H.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com