Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQ3386-R-00A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EVQ3386-R-00A
Description  6 string White LED Driver Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVQ3386-R-00A Datasheet(HTML) 3 Page - Monolithic Power Systems

  EVQ3386-R-00A Datasheet HTML 1Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 2Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 3Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 4Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 5Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVQ3386-R- 00A ― 6 STRING WHITE LED DRIVER
EVQ3386-R-00A Rev.1.0
www.MonolithicPower.com
3
3/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVQ3386-R-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1
4.7µF
Ceramic Capacitor, 50V, X7R
1210
Murata
GRM32ER71H475KA88L
2
C2, C4
NC
1210
1
C3
2.2µF
Ceramic Capacitor, 50V, X7R
1210
TDK
C3225X7R1H225
1
C5
68nF
Ceramic Capacitor, 50V, X7R
0603
Murata
GRM188R71H683KA93D
1
C6
1µF
Ceramic Capacitor, 16V, X5R
0603
Murata
GRM188R71C105KA12D
2
C7,
C10
100pF
Ceramic Capacitor, 50V, COG
0603
Murata
GRM1885C1H101JA01D
2
C8, C9
NC
0603
1
D1
Diode Schottky, 60V, 1A
SMA
Diodes Inc
DFLS160-F
1
F1
Fuse, 2A, 63V
1206
Cooper
Bussman
3216FF2-R
1
L1
10µH
Inductor,2.5A
SMD
SUMIDA
CDRH8D28NP-100NC
10µH
Inductor,2.47A
SMD
Cooper
DR73-100
1
M1
P- channel MOSFET
SO8
Fairchild
Semiconductor
FDS5680
1
R1
324kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07324KL
1
R2
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
2
R3, R5
20kΩ
Resistor, 5%
0603
Yageo
RC0603JR-0720KL
1
R4
NC
0603
1
R6
60.4kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0760K4L
1
R7
100kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
U1
LED Driver IC
QFN24
MPS
MPQ3386-R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com