Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQ3386-R-00A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # EVQ3386-R-00A
Description  6 string White LED Driver Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVQ3386-R-00A Datasheet(HTML) 6 Page - Monolithic Power Systems

  EVQ3386-R-00A Datasheet HTML 1Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 2Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 3Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 4Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 5Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVQ3386-R- 00A ― 6 STRING WHITE LED DRIVER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EVQ3386-R-00A Rev.1.0
www.MonolithicPower.com
6
3/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load panel (10 white LEDs in series, 6 stings
paralleled) to the LED+ and LED1~6 pins on the EV board, respectively.
2. Connect the positive and negative terminals of the power supply (4.5V ~ 25V) to the VIN and
GND pins on the EV board, respectively.
3. Drive EN pin high (2.5V < VEN < 5V) to enable the MPQ3386.
4. For PWM dimming, apply a PWM rectangular waveform with a minimum voltage less than 0.8V
and a maximum greater than 1.5V on PWM DIM pin. The frequency of the PWM signal is
recommended between 200Hz to 2kHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com