Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQ3386-R-00A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EVQ3386-R-00A
Description  6 string White LED Driver Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVQ3386-R-00A Datasheet(HTML) 1 Page - Monolithic Power Systems

  EVQ3386-R-00A Datasheet HTML 1Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 2Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 3Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 4Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 5Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVQ3386-R-00A
6 string White LED Driver
Evaluation Board
AEC-Q100 Qualified
EVQ3386-R-00A Rev.1.0
www.MonolithicPower.com
1
3/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EVQ3386-R-00A is an evaluation board for
the MPQ3386-R, a step-up converter designed
for large liquid-crystal displays that employ an
array of LEDs as the light source. It can drive
up to 6 strings in parallel and 10 LEDs per
string.
The MPQ3386 uses internal switch current
mode, fixed frequency architecture and includes
current ballast in each string terminal, which
achieves 3% current regulation accuracy
between strings. Low feedback voltage at each
LED string help reduce power loss and improve
efficiency.
The MPQ3386 has multiple features to protect
the converter from fault conditions, including
under-voltage lockout, current limiting, over
voltage, short LED, open LED and thermal
shut-down protection.
The MPQ3386 is available in small QFN24
(4mmx 4mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
4.5 – 25
V
LEDs #
6 string parallel and
10 LEDs each string
LED Current
ILED
20/string
mA
FEATURES
• 4.5V to 25V Input Voltage Range
• Up to 89% Efficiency
• Programmable Over Voltage Protection
• Drives up to 6 Strings Parallel and 10 LEDs
in Series.
• 3% Current Regulation Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz
and 625kHz
• Open and Short LED Load Protection
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• Automotive and Industrial
• Small LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EVQ3386-R-00A EVALUATION BOARD
(L x W x H) 7.3cm x 2.0cm x 1.0cm
Board Number
MPS IC Number
EVQ3386-R-00A
MPQ3386-R


Similar Part No. - EVQ3386-R-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVQ3425-L-00A MPS-EVQ3425-L-00A Datasheet
195Kb / 4P
Boost Converter With a 55V, 3.5A Switch
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Panasonic Semiconductor
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
179Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results

Similar Description - EVQ3386-R-00A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
MPQ3387L MPS-MPQ3387L Datasheet
487Kb / 17P
Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
EVQ2483-Q-00A MPS-EVQ2483-Q-00A Datasheet
417Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
EVQ2483-S-00A MPS-EVQ2483-S-00A Datasheet
273Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com