Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2633A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2633A Datasheet HTML 1Page - Monolithic Power Systems MP2633A Datasheet HTML 2Page - Monolithic Power Systems MP2633A Datasheet HTML 3Page - Monolithic Power Systems MP2633A Datasheet HTML 4Page - Monolithic Power Systems MP2633A Datasheet HTML 5Page - Monolithic Power Systems MP2633A Datasheet HTML 6Page - Monolithic Power Systems MP2633A Datasheet HTML 7Page - Monolithic Power Systems MP2633A Datasheet HTML 8Page - Monolithic Power Systems MP2633A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
2
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION
To 5V System
IN
VCC
SW
BATT
FB
MODE
PWIN
SYS
Battery
CHG
EN
CIN
CBATT
C4
TMR
NTC
PGND
OLIM
MP2633A
ILIM
ISET
BOOST
ACOK
FREQ
VBATT
REG
VSYS
VB
Battery Voltage
Programmable Pin
GND: 3.6V
High/Float: 4.2V
CSP
RS1
RISET
CTMR
RILIM
ROLIM
R1
R2
5V Input
AGND
C1
R3
R4
R5
L1
CSYS
C3
C2
ICHG
IBATT
R6
VCC
Table 1: Operation Mode
Power Source
ACOK
__________
EN
MODE
Operating Mode
0.8V<PWIN<1.15V & VIN>VBATT+300mV
Low
High
X
Charge Mode, Enable Charging
Low
Charge Mode, Disable Charging
PWIN<0.8V or PWIN >1.15V or
VIN<VBATT+300mV
High
X
High
Boost Mode
VIN<2V
High
X
Low
Sleep Mode
X=Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com