Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2633A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2633A Datasheet HTML 1Page - Monolithic Power Systems MP2633A Datasheet HTML 2Page - Monolithic Power Systems MP2633A Datasheet HTML 3Page - Monolithic Power Systems MP2633A Datasheet HTML 4Page - Monolithic Power Systems MP2633A Datasheet HTML 5Page - Monolithic Power Systems MP2633A Datasheet HTML 6Page - Monolithic Power Systems MP2633A Datasheet HTML 7Page - Monolithic Power Systems MP2633A Datasheet HTML 8Page - Monolithic Power Systems MP2633A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
4
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IN to SYS NMOS ON Resistance
RIN to SYS
100
mΩ
High-side PMOS ON Resistance
RHDS
72
mΩ
Low-side NMOS ON Resistance
RLDS
70
mΩ
High-Side PMOS Peak Current
Limit
IPEAK_HS
CC Charge Mode/Boost
Mode
3
A
TC Charge Mode
1.5
A
Low-Side NMOS Peak Current
Limit
IPEAK_LS
2.5
A
Switching Frequency
fSW
FREQ = 0
600
kHz
FREQ = Float/ High
1200
VCC UVLO
VCC UVLO
2
2.2
2.4
V
VCC UVLO Hysteresis
100
mV
PWIN, Lower Threshold
VPWIN L
0.75
0.8
0.85
V
Lower Threshold Hysteresis
40
mV
PWIN, Upper Threshold
VPWIN H
1.1
1.15
1.2
V
Upper Threshold Hysteresis
65
mV
Charge Mode
Input Quiescent Current
IIN
EN = 5V, Battery Float
2.5
mA
EN = 0
1.5
mA
Input Current Limit
IIN_LIMIT
RlLIM = 90.9k
400
450
500
mA
RlLIM = 49.9k
720
810
900
RlLIM = 20k
1800
2000
2200
Input Over-Current Threshold
IIN(OCP)
3
A
Input Over-Current Blanking
Time
(5)
τINOCBLK
120
µs
Input Over-Current Recovery
Time
(5)
τINRECVR
100
ms
Terminal Battery Voltage
VBATT_FULL
Connect VB to GND
3.582
3.6
3.618
V
Leave VB floating or
connect to logic HIGH
4.179
4.2
4.221
Recharge Threshold
VRECH
Connect to VB to GND
3.35
3.4
3.45
Leave VB floating or
connect to logic HIGH
3.91
3.96
4.01
V
Recharge Threshold Hysteresis
200
mV
Battery Over Voltage Threshold
103.3%
VBATT FULL
Constant Charge (CC) Current
ICC
RS1 = 40mΩ, RISET = 69.8k
900
1000
1100
mA
RS1 = 40mΩ, RISET = 46.4k
1350
1500
1650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com