Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2633A Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 20Page - Monolithic Power Systems MP2633A Datasheet HTML 21Page - Monolithic Power Systems MP2633A Datasheet HTML 22Page - Monolithic Power Systems MP2633A Datasheet HTML 23Page - Monolithic Power Systems MP2633A Datasheet HTML 24Page - Monolithic Power Systems MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
24
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
If charging remains in TC mode beyond the
trickle-charge time τTOTAL_TMR, charging will
terminate. The following determines the length of
the trickle-charge period:
)
A
(
I
A
1
F
1
.
0
)
F
(
C
s
min
60
CHG
TMR
TMR
_
TRICKLE
(1)
The maximum total charge time is:
)
A
(
I
A
1
F
1
.
0
)
F
(
C
Hours
6
CHG
TMR
TMR
_
TOTAL
(2)
Negative Temperature Coefficient (
NTC) Input
for Battery Temperature Monitoring
The MP2633A has a built-in NTC resistance
window comparator, which allows the MP2633A
to monitor the battery temperature via the
battery-integrated
thermistor.
Connect
an
appropriate resistor from VSYS to the NTC pin and
connect the thermistor from the NTC pin to GND.
The resistor divider determines the NTC voltage
depending on the battery temperature. If the NTC
voltage falls outside of the NTC window, the
MP2633A stops charging. The charger will then
restart if the temperature goes back into NTC
window range.
Input-Current Limiting in Charge Mode
The MP2633A has a dedicated pin that programs
the input-current limit. The current at ILIM is a
fraction of the input current; the voltage at ILIM
indicates the average input current of the
switching regulator as determined by the resistor
value between ILIM and GND. As the input
current approaches the programmed input
current limit, charge current is reduced to allow
priority to system power.
Use the following equation to determine the input
current limit threshold,
ILIM
ILIM
40.5(kΩ)
I=
(A)
R(kΩ)
(3)
Input Over-Current Protection
The
MP2633A
features
input
over-current
protection (OCP): when the input current
exceeds 3A, Q2 is controlled linearly to regulate
the current. If the current still exceeds 3A after a
120µs blanking time, Q2 will turn off. A fast off
function turns off Q2 quickly when the input
current exceeds 7A to protect both Q1 and Q2.
Setting the Charge Current
The external sense resistors, RS1 and RISET,
program the battery charge current, ICHG. Select
RISET based on RS1:
CHG
ISET
70(kΩ)
40(mV)
I(A)=
R(kΩ)RS1(mΩ)
(4)
Where the 40mV is the charge current limit
reference. RISET can not be larger than 70k
always.
Battery Short Protection
The MP2633A has two current limit thresholds.
CC and CV modes have a peak current limit
threshold of 3A, while TC mode has a current
limit threshold of 1.5A. Therefore, the current limit
threshold decreases to 1.5A when the battery
voltage drops below the TC threshold. Moreover,
the switching frequency also decreases when the
BATT voltage drops to 40% of the charge-full
voltage.
Thermal Foldback Function
The MP2633A implements thermal protection to
prevent thermal damage to the IC and the
surrounding components. An internal thermal
sense
and
feedback
loop
automatically
decreases the programmed charge current when
the die temperature reaches 120°C. This function
is called the charge-current-thermal foldback. Not
only does this function protect against thermal
damage, it can also set the charge current based
on
requirements
rather
than
worst-case
conditions
while
ensuring
safe
operation.
Furthermore, the part includes thermal shutdown
protection where the ceases charging if the
junction temperature rises to 150°C.
Fully Operation Indication
The MP2633A integrates indicators for the
following conditions as shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com