Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2637 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 13Page - Monolithic Power Systems MP2637 Datasheet HTML 14Page - Monolithic Power Systems MP2637 Datasheet HTML 15Page - Monolithic Power Systems MP2637 Datasheet HTML 16Page - Monolithic Power Systems MP2637 Datasheet HTML 17Page - Monolithic Power Systems MP2637 Datasheet HTML 18Page - Monolithic Power Systems MP2637 Datasheet HTML 19Page - Monolithic Power Systems MP2637 Datasheet HTML 20Page - Monolithic Power Systems MP2637 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
17
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
0.8V
1.15V
BATT+
300mV
VCC
PWIN
VIN
SYS
FB
A1
Control Logic&
Mode Selection
TMR
SW
VCC
Driver
VBATT
GMV
PWM Controller
Current Setting
Mode Control
GMINI
REG
MODE
NTC
Indication&
Timer
ACOK
CHG
BOOST
EN
PWM Signal
HSMOS
LSMOS
ISET
ILIM
OLIM
PGND
AGND
BATT
Charge
Pump
ACOK
VB
CSP
VBATT
VSYS_Ref
VFB
K3*ISYS
IOLIM_Ref
Integration
To Current
Setting
Thermal
Shutdown
Q1
Q2
Figure 2: Functional Block Diagram in Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com