Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2637 Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 28Page - Monolithic Power Systems MP2637 Datasheet HTML 29Page - Monolithic Power Systems MP2637 Datasheet HTML 30Page - Monolithic Power Systems MP2637 Datasheet HTML 31Page - Monolithic Power Systems MP2637 Datasheet HTML 32Page - Monolithic Power Systems MP2637 Datasheet HTML 33Page - Monolithic Power Systems MP2637 Datasheet HTML 34Page - Monolithic Power Systems MP2637 Datasheet HTML 35Page - Monolithic Power Systems MP2637 Datasheet HTML 36Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
33
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
When the MP2637 is in Boost mode (as a Boost
converter), the required inductance value is
calculated as:
BATT
SYS
BATT
SYS
SW
L _ MAX
V
(V
V
)
L
V
f
I

 
(23)
L _ MAX
BATT(MAX)
I
(30% 40%) I
(24)
SYS
SYS
BATT(MAX)
BATT
VI
I
V

(25)
Where VBATT is the minimum battery voltage, fSW
is the switching frequency, and ∆I
L_MAX
is the
peak-to-peak inductor ripple current, which is
approximately 30% of the maximum battery
current IBATT(MAX), ISYS(MAX) is the system current
and η is the efficiency.
In the worst case where the battery voltage is 3V,
a 30% inductor current ripple, and a typical
system voltage (VSYS=5V), the inductance is
1.5µH when the efficiency is 90%.
For best results, use an inductor with an
inductance of 2.2uH with a DC current rating that
is not lower than the peak current of MOSFET.
For higher efficiency, minimize the inductor’s DC
resistance.
Selecting the Input Capacitor CIN
The input capacitor CIN reduces both the surge
current drawn from the input and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high-frequency-switching current from passing to
the
input.
For
best
results,
use
ceramic
capacitors with X7R dielectrics because of their
low ESR and small temperature coefficients. For
most applications, a 22µF capacitor will suffice.
Selecting the System Capacitor CSYS
Select CSYS based on the demand of the system
current ripple.
1. Charge Mode
The capacitor CSYS acts as the input capacitor of
the buck converter in charge mode. The input
current ripple is:
TC
IN _ MAX
TC
RMS _ MAX
SYS _ MAX
IN _ MAX
V
(V
V )
II
V


(26)
2. Boost Mode
The capacitor, CSYS, is the output capacitor of
boost converter. CSYS keeps the system voltage
ripple small and ensures feedback loop stability.
The system current ripple is given by:
TC
SYS _ MAX
TC
RMS _ MAX
SYS _ MAX
SYS _ MAX
V
(V
V )
II
V


(27)
Since the input voltage is passes to the system
directly, VIN_MAX=VSYS_MAX, both charge mode and
boost mode have the same system current ripple.
For
ICC_MAX=2A,
VTC=3V,
VIN_MAX=6V,
the
maximum ripple current is 1.25A. Select the
system capacitors base on the ripple-current
temperature rise not exceeding 10°C. For best
results,
use
ceramic
capacitors
with
X7R
dielectrics with low ESR and small temperature
coefficients. For most applications, use three
22µF capacitors.
Selecting the Battery Capacitor CBATT
CBATT is in parallel with the battery to absorb the
high-frequency switching ripple current.
1. Charge Mode
The capacitor CBATT is the output capacitor of the
buck converter. The output voltage ripple is then:
BATT
SYS
BATT
BATT
2
BATT
BATT
SW
1 V
/ V
V
r
V
8 C
f
L
(28)
2. Boost Mode
The capacitor CBATT is the input capacitor of the
boost converter. The input voltage ripple is the
same as the output voltage ripple from equation
(28)
Both charge mode and boost mode have the
same battery voltage ripple. The capacitor CBATT
can be calculated as:
TC
SYS _ MAX
BATT
2
BATT _ MAX
SW
1 V
/ V
C
8
r
f
L
 
(29)
To guarantee the ±0.5% BATT voltage accuracy,
the maximum BATT voltage ripple must not
exceed 0.5% (e.g. 0.2%). The worst case occurs
at the minimum battery voltage of the CC charge
with the maximum input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com