Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2637 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 26Page - Monolithic Power Systems MP2637 Datasheet HTML 27Page - Monolithic Power Systems MP2637 Datasheet HTML 28Page - Monolithic Power Systems MP2637 Datasheet HTML 29Page - Monolithic Power Systems MP2637 Datasheet HTML 30Page - Monolithic Power Systems MP2637 Datasheet HTML 31Page - Monolithic Power Systems MP2637 Datasheet HTML 32Page - Monolithic Power Systems MP2637 Datasheet HTML 33Page - Monolithic Power Systems MP2637 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
30
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BOOST MODE OPERATION
Low-Voltage Start-Up
The minimum battery voltage required to start up
the circuit in boost mode is 2.9V. Initially, when
VSYS < VBATT, the MP2637 works in down mode.
In this mode, the synchronous P-MOSFET stops
switching and its gate connects to VBATT statically.
The P-MOSFET stays off as long as the voltage
across the parasitic CDS (VSW) is lower than VBATT.
When the voltage across CDS exceeds VBATT, the
synchronous P-MOSFET enters linear mode
allowing the inductor current to decrease and
flowing into the SYS pin. Once VSYS exceeds
VBATT, the P-MOSFET gate is released and
normal closed-loop PWM operation is initiated. In
boost mode, the battery voltage can drop to as
low as 2.5V without affecting circuit operation.
SYS Disconnect and Inrush Limiting
The MP2637 allows for true output disconnect by
eliminating body diode conduction of the internal
P-MOSFET rectifier. VSYS can go to 0V during
shutdown, drawing no current from the input
source. It also allows for inrush current limiting at
start-up, minimizing surge currents from the input
supply. To optimize the benefits of output
disconnect,
avoid
connecting
an
external
Schottky diode between the SW and SYS pins.
Board layout is extremely critical to minimize
voltage overshoot at the SW pin due to stray
inductance. Keep the output filter capacitor as
close as possible to the SYS pin and use very
low ESR/ESL ceramic capacitors tied to a good
ground plane.
Boost Output Voltage Setting
In boost mode, the MP2637 programs the output
voltage via the external resistor divider at FB pin,
and
provides
built-in
output
over-voltage
protection (OVP) to protect the device and other
components against damage when VSYS goes
beyond 6V. Once the output over voltage occurs,
the MP2637 turns off the boost converter. When
the voltage on VSYS drops to a normal level, the
boost converter restarts again as long as the
MODE pin remains in active status.
Boost Output Current Limiting
The MP2637 integrates a programmable output
current limit function in boost mode. If the boost
output current exceeds this programmable limit,
the output current will be limited at this level and
the SYS voltage will start to drop down. The
OLIM pin programs the current limit threshold up
to 2.4A as per the following equation:
OLIM
OLIM
2400
I
(A)
R
(k ) RS1(m )
 
(7)
SYS Output Over Current Protection
The MP2637 integrates three-phase output over-
current protection.
Phase one (boost mode output current limit):
when
the
output
current
exceeds
the
programmed output current limit, the output
constant current loop controls the output current,
the output current remains at its limit of IOLIM, and
VSYS decreases.
Phase two (down mode): when VSYS drops below
VBATT+100mV
and
the
output
current
loop
remains in control, the boost converter enters
down mode and shutdown after a 120μs blanking
time.
Phase three (short circuit mode): when VSYS
drops below 3.75V (will be 2V during boost soft
start),
the
boost
converter
shuts
down
immediately once the inductor current hits the
fold-back peak current limit of the low side N-
MOSFET. The boost converter can also recover
automatically after a 1ms deglitch period.
Thermal Shutdown Protection
The thermal shutdown protection is also active in
boost mode. Once the junction temperature rises
higher than 150°C, the MP2637 enters thermal
shutdown. It will not resume normal operation
until the junction temperature drops below 120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com