Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP2104 Datasheet HTML 6Page - Renesas Technology Corp HIP2104 Datasheet HTML 7Page - Renesas Technology Corp HIP2104 Datasheet HTML 8Page - Renesas Technology Corp HIP2104 Datasheet HTML 9Page - Renesas Technology Corp HIP2104 Datasheet HTML 10Page - Renesas Technology Corp HIP2104 Datasheet HTML 11Page - Renesas Technology Corp HIP2104 Datasheet HTML 12Page - Renesas Technology Corp HIP2104 Datasheet HTML 13Page - Renesas Technology Corp HIP2104 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HIP2103, HIP2104
FN8276 Rev 0.00
Page 10 of 21
November 27, 2013
FIGURE 4. SLEEP MODE ENABLED OR CLEARED BY HI AND LI INPUTS
FIGURE 5. VCEN AND VDEN DELAY MATCHING
FIGURE 6. PROPAGATION DELAYS
Timing Diagrams (Continued)
2M
 to HS
100
 to LS
dead time
provided by
controller
HO
LO
SLEEP*
HI
LI
HO
LO
SLEEP*
HI
LI
20µs
20µs
* Sleep mode is enabled when HI=LI=1 for 20usecs.
Sleep mode is cleared when HI=0 and LI = 1 for 20usecs.
VCC
VDen
VCen
VDD
VCC
VDen
VCen
tVCen
VDD
tVDen
10% VCC
10% VDD
tVenM
LO
LI
LO
LI
tRL
tFL
HO
HI
HO
HI
tRH
tFH
tMONHL
tMONLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com