Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP2104 Datasheet HTML 7Page - Renesas Technology Corp HIP2104 Datasheet HTML 8Page - Renesas Technology Corp HIP2104 Datasheet HTML 9Page - Renesas Technology Corp HIP2104 Datasheet HTML 10Page - Renesas Technology Corp HIP2104 Datasheet HTML 11Page - Renesas Technology Corp HIP2104 Datasheet HTML 12Page - Renesas Technology Corp HIP2104 Datasheet HTML 13Page - Renesas Technology Corp HIP2104 Datasheet HTML 14Page - Renesas Technology Corp HIP2104 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HIP2103, HIP2104
FN8276 Rev 0.00
Page 11 of 21
November 27, 2013
Typical Performance Curves
FIGURE 7. VDD DROPOUT vs VBAT (HIP2104 ONLY)
FIGURE 8. VCC DROPOUT vs VBAT (HIP2104 ONLY)
FIGURE 9. HIP2104 SHUTDOWN CURRENT
(VCEN = VDEN = 0, HS = VBAT)
FIGURE 10. HIP2104 QUIESCENT IBAT (VCEN = VDEN = LI = HI = 1)
FIGURE 11. HIP2104 VDD OPERATING CURRENT LIMIT
FIGURE 12. HIP2104 VCC CURRENT LIMIT
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
16
18
20
NO LOAD
160Ω (75mA @ 12V)
2
3
4
0
1
6
432
1
VBAT (INPUT)
5
NO LOAD
44Ω (75mA @ 3.3V)
3.5
4.0
4.5
5.0
5.5
2.0
2.5
3.0
10
20
30
40
50
VBAT (VDC)
250
260
265
270
275
235
240
10
20
30
40
50
VBAT (VDC)
255
245
0
100
200
300
400
500
600
700
800
900
0
102030
40
50
60
VBAT (VDC)
0kHz, +25°C
IBAT, 10kHz
IBAT, 20k
0
1
2
3
4
0
25
50
75
100
125
150
ICC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com