Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HIP2104 Datasheet HTML 12Page - Renesas Technology Corp HIP2104 Datasheet HTML 13Page - Renesas Technology Corp HIP2104 Datasheet HTML 14Page - Renesas Technology Corp HIP2104 Datasheet HTML 15Page - Renesas Technology Corp HIP2104 Datasheet HTML 16Page - Renesas Technology Corp HIP2104 Datasheet HTML 17Page - Renesas Technology Corp HIP2104 Datasheet HTML 18Page - Renesas Technology Corp HIP2104 Datasheet HTML 19Page - Renesas Technology Corp HIP2104 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HIP2103, HIP2104
FN8276 Rev 0.00
Page 16 of 21
November 27, 2013
Application Examples
Above are examples (Figures 21, 22, and 23) of how the HIP2103,
HIP2104 can be configured for various motor drive application
with the HIP2104 supplying the 12V bias for the other HIP2103s
and the VCC (3.3V) bias for the controller. VCen and VDen are used
to turn on and off the internal linear regulators of the HIP2104.
Because of entire switching of the bias supplies is implemented
with logic, a signal switch, instead of a power switch, can be used
to turn on and off the driver and controller. A switch debouncing
delay of 1ms is provided on VDen and VCen.
The external diode on VBATT is used to hold up the voltage on the
VBAT input in the presence of severe ripple as usually seen on
LI-ON batteries.
In the case of the HIP2104, when VDen is low, the driver sections
enters the Sleep Mode. When VCen is low, the bias to the
controller is removed resulting with the lowest possible idle
current in both the controller and the driver minimizing the drain
on the battery when the motor drive is off. Sleep mode can also
be initiated on the HIP2104 by driving HI and LI high
simultaneously. In this case, the sleep mode current is
substantially higher (~250µA) because the VDD and VCC outputs
are still active.
In the case of the HIP2103, Sleep Mode in the driver is initiated
when HI and LI are both high simultaneously as previously
described. If VDD is provided by an accompanying HIP2104,
turning off the VDD output of the HIP2104 will also result with
virtually no sleep current in the HIP2103 because there is no
bias. For example, in the BLDC configuration, the sleep mode
current will be ~5µA (in the HIP2104) and no current in both of
the HIP2103s.
Transients on the HS node
An important operating condition that is frequently overlooked is
the transient on the HS pin that occurs when the bridge FETs turn
on or off. The Absolute Maximum negative transient (see page 5)
allowed on the HS pin is -10V without any time restrictions on the
duration of the transient. In most well designed PCBs, all that will
be required is that the transient be less negative than -10V.
FIGURE 23. BLDC (3-PHASE) MOTOR DRIVE TOPOLOGY
Typical Applications
µController
HIP2104
VBAT
VCen
VCC
VDD
HI
LI
EPAD
LO
HS
HO
HB
VDen
VSS
VBATT
HI
LI
LO
HS
HO
HB
VSS
HIP2103
EPAD
VDD
VDD
HI
LI
LO
HS
HO
HB
VSS
HIP2103
EPAD
VDD
BLDC
Motor
VBATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com