Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660CBAZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL7660CBAZ
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660CBAZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL7660CBAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICL7660, ICL7660A
FN3072 Rev.7.00
Page 4 of 11
Oct 5, 2010
Functional Block Diagram
Voltage Conversion Efficiency
VOUTEFF V+ = 3V, RL =
--
-
99
-
-
%
TMIN < TA < TMAX
--
-
99
-
-
%
Power Efficiency
PEFF
V+ = 3V, RL = 5k
--
-
96
-
-
%
TMIN < TA < TMAX
--
-
95
-
-
%
NOTES:
2. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latchup. It is recommended that no inputs
from sources operating from external supplies be applied prior to “power up” of the ICL7660, ICL7660A.
3. Derate linearly above 50°C by 5.5mW/°C.
4. In the test circuit, there is no external capacitor applied to pin 7. However, when the device is plugged into a test socket, there is usually a very
small but finite stray capacitance present, of the order of 5pF.
5. The Intersil ICL7660A can operate without an external diode over the full temperature and voltage range. This device will function in existing
designs which incorporate an external diode with no degradation in overall circuit performance.
Electrical Specifications
ICL7660 and ICL7660A, V+ = 5V, TA = 25°C, COSC = 0, Test Circuit Figure 11
Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
ICL7660
ICL7660A
UNITS
MIN
TYP MAX
MIN
TYP MAX
RC
OSCILLATOR
2
VOLTAGE
LEVEL
TRANSLATOR
VOLTAGE
REGULATOR
LOGIC
NETWORK
OSC
LV
V+
CAP+
CAP-
VOUT
Typical Performance Curves
(Test Circuit of Figure 11)
FIGURE 1. OPERATING VOLTAGE AS A FUNCTION OF
TEMPERATURE
FIGURE 2. OUTPUT SOURCE RESISTANCE AS A FUNCTION
OF SUPPLY VOLTAGE
10
SUPPLY VOLTAGE RANGE
(NO DIODE REQUIRED)
8
6
4
2
0
-55
-25
0
25
50
100
125
TEMPERATURE (
°C)
10K
TA = 25°C
1000
100
10
01
2
3
4
5
6
7
8
SUPPLY VOLTAGE (V+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com