Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660CBAZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICL7660CBAZ
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660CBAZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICL7660CBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ICL7660, ICL7660A
FN3072 Rev.7.00
Page 6 of 11
Oct 5, 2010
Detailed Description
The ICL7660 and ICL7660A contain all the necessary circuitry
to complete a negative voltage converter, with the exception of
2 external capacitors which may be inexpensive 10
F
polarized electrolytic types. The mode of operation of the
device may be best understood by considering Figure 12,
which shows an idealized negative voltage converter.
Capacitor C1 is charged to a voltage, V+, for the half cycle
when switches S1 and S3 are closed. (Note: Switches S2 and
S4 are open during this half cycle.) During the second half
cycle of operation, switches S2 and S4 are closed, with S1 and
S3 open, thereby shifting capacitor C1 negatively by V+ volts.
Charge is then transferred from C1 to C2 such that the voltage
on C2 is exactly V+, assuming ideal switches and no load on
C2. The ICL7660 approaches this ideal situation more closely
than existing non-mechanical circuits.
In the ICL7660 and ICL7660A, the 4 switches of Figure 12 are
MOS power switches; S1 is a P-Channel device and S2, S3
and S4 are N-Channel devices. The main difficulty with this
approach is that in integrating the switches, the substrates of
S3 and S4 must always remain reverse biased with respect to
their sources, but not so much as to degrade their “ON”
resistances. In addition, at circuit start-up, and under output
short circuit conditions (VOUT = V+), the output voltage must
be sensed and the substrate bias adjusted accordingly. Failure
to accomplish this would result in high power losses and
probable device latchup.
This problem is eliminated in the ICL7660 and ICL7660A by a
logic network which senses the output voltage (VOUT) together
with the level translators, and switches the substrates of S3 and
S4 to the correct level to maintain necessary reverse bias.
FIGURE 9. OUTPUT VOLTAGE AS A FUNCTION OF OUTPUT
CURRENT
FIGURE 10. SUPPLY CURRENT AND POWER CONVERSION
EFFICIENCY AS A FUNCTION OF LOAD
CURRENT
NOTE:
6. These curves include in the supply current that current fed directly into the load RL from the V+ (See Figure 11). Thus, approximately half the
supply current goes directly to the positive side of the load, and the other half, through the ICL7660/ICL7660A, to the negative side of the load.
Ideally, VOUT 2VIN, IS 2IL, so VIN x IS VOUT x IL.
NOTE: For large values of COSC (>1000pF) the values of C1 and C2 should be increased to 100F.
FIGURE 11. ICL7660, ICL7660A TEST CIRCUIT
Typical Performance Curves
(Test Circuit of Figure 11) (Continued)
TA = 25°C
V+ = 2V
+2
+1
0
-1
-2
SLOPE 150
0
1
23
45
6
7
8
LOAD CURRENT IL (mA)
100
90
80
70
60
50
40
30
20
10
0
PEFF
I+
LOAD CURRENT IL (mA)
0
1.5
3.0
4.5
6.0
7.5
9.0
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
TA = 25°C
V+ = 2V
1
2
3
4
8
7
6
5
+
-
C1
10
F
IS V+
(+5V)
IL
RL
-VOUT
C2
10
F
ICL7660
COSC
+
-
(NOTE)
ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com