Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660CBAZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICL7660CBAZ
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660CBAZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICL7660CBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 10Page - Renesas Technology Corp ICL7660CBAZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ICL7660, ICL7660A
FN3072 Rev.7.00
Page 8 of 11
Oct 5, 2010
Typical Applications
Simple Negative Voltage Converter
The majority of applications will undoubtedly utilize the ICL7660
and ICL7660A for generation of negative supply voltages. Figure
13 shows typical connections to provide a negative supply
negative (GND) for supply voltages below 3.5V.
The output characteristics of the circuit in Figure 13A can be
approximated by an ideal voltage source in series with a
resistance as shown in Figure 13B. The voltage source has a
value of -V+. The output impedance (RO) is a function of the
ON resistance of the internal MOS switches (shown in Figure
12), the switching frequency, the value of C1 and C2, and the
ESR (equivalent series resistance) of C1 and C2. A good first
order approximation for RO is:
RSW, the total switch resistance, is a function of supply voltage
and temperature (See the Output Source Resistance graphs),
typically 23
 at 25°C and 5V. Careful selection of C1 and C2
will reduce the remaining terms, minimizing the output
impedance. High value capacitors will reduce the 1/(fPUMP
C1) component, and low ESR capacitors will lower the ESR
term. Increasing the oscillator frequency will reduce the
1/(fPUMP C1) term, but may have the side effect of a net
increase in output impedance when C1 > 10F and there is no
longer enough time to fully charge the capacitors every cycle.
FIGURE 14. OUTPUT RIPPLE
FIGURE 15. PARALLELING DEVICES
FIGURE 16. CASCADING DEVICES FOR INCREASED OUTPUT VOLTAGE
A
t2
t1
B
0
-(V+)
V
1
2
3
4
8
7
6
5
ICL7660
V+
C1
ICL7660A
1
2
3
4
8
7
6
5
ICL7660
C1
ICL7660A
RL
+
-
C2
“n”
“1”
1
2
3
4
8
7
6
5
V+
1
2
3
4
8
7
6
5
+
-
10
F
+
-
10
F
+
-
10
F
+
-
10
F
VOUT = -nV+
ICL7660
ICL7660A
“n”
ICL7660
ICL7660A
“1”
RO 2(RSW1 + RSW3 + ESRC1) +
2(RSW2 + RSW4 + ESRC1) +
1
+ ESRC2
(fPUMP) (C1)
(fPUMP =
fOSC
, RSWX = MOSFET switch resistance)
2
Combining the four RSWX terms as RSW, we see that:
RO
2 (RSW) +
1
+ 4 (ESRC1) + ESRC2
(fPUMP) (C1)
RO 2(RSW1 + RSW3 + ESRC1) +



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com