Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8201MEVAL1Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL8201MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 5 of 16
October 28, 2014
Internal Resistor Between VOUT and FB Pins
RFB-TI
9.66
9.76
9.85
k
Disabled Threshold Voltage (COMP/EN)
VENDIS
(Note 7)
0.375
0.4
0.425
V
Reference Voltage
VREF
(Note 7)
-
0.6
-
V
Reference Voltage Tolerance
0°C to +70°C (Note 7)-1.0
-
+1.0
%
-40°C to +85°C (Note 7)-1.5
-
+1.5
%
FAULT PROTECTION
Internal Resistor Between ISET and PGND Pins
RSET-IN
-
3.57
-
k
ISET Current Source
ISET
(Note 7)
18.0
21.5
23.5
µA
NOTE:
7. Parameters are 100% tested for internal IC prior to module assembly.
Electrical Specifications
TA = +25°C. VIN = 12V, VOUT = 1.5V. CIN = 220µFx1, 10µF/Ceramicx2, COUT = 330µF (ESR = 10m),
22µF/Ceramicx3. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Characteristics
Efficiency Performance T
A = +25°C, V
IN = PVCC (PVCC = 5V for 18V
IN), CIN = 220µFx1, 10µF/Ceramicx2, COUT = 330µF (ESR = 10m),
22µF/Ceramicx3. The efficiency equation is:
FIGURE 2. EFFICIENCY vs LOAD CURRENT (5VIN)
FIGURE 3. EFFICIENCY vs LOAD CURRENT (12VIN)
FIGURE 4. EFFICIENCY vs LOAD CURRENT (18VIN)
FIGURE 5. 1.2V TRANSIENT RESPONSE
Efficiency
Output Power
Input Power
-----------------------------------------
POUT
PIN
----------------
VOUTxIOUT

VINxIIN

--------------------------------------
==
=
30
40
50
60
70
80
90
100
04
8
10
LOAD CURRENT (A)
1.2V
26
0.8V
3.3V
2.5V
1.5V
30
40
50
60
70
80
90
100
010
LOAD CURRENT (A)
24
68
0.8V
1.2V
1.5V
2.5V
3.3V
5.0V
30
40
50
60
70
80
90
100
010
LOAD CURRENT (A)
2468
1.2V
1.5V
2.5V
3.3V
5.0V
VIN = 12V
VOUT = 1.2V
IOUT = 0A to 5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com