Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8201MEVAL1Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8201MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN6657 Rev 3.00
Page 1 of 16
October 28, 2014
FN6657
Rev 3.00
October 28, 2014
ISL8201M
10A, High Efficiency DC/DC Module
DATASHEET
The ISL8201M is a 20V, 10A output current, variable output
step-down power supply. Included in the 15mmx15mm
package is a high performance PWM controller switching at
600kHz, power MOSFETs, an inductor, and all the passive
components required for complete DC/DC power solution.
The ISL8201M operates over an input voltage range of 1V to
20V and supports an output voltage range of 0.6V to 5V,
which is set by a single dividing resistor. This high efficiency
power module is capable of delivering 10A (17A peak) output
with up to 95% efficiency, needing no heat sinks or airflow to
meet power specifications. Only bulk input and output
capacitors are needed to finish the design. Utilizing
voltage-mode control, the output voltage can be precisely
regulated to as low as 0.6V with up to ±1% output voltage
regulation. The ISL8201M also features internal
compensation, internal soft-start, auto-recovery overcurrent
protection, an enable option, and pre-biased output start-up
capability.
The ISL8201M is packaged in a thermally enhanced, compact
(15mmx15mm) and low profile (3.5mm) overmolded QFN
Package Module suitable for automated assembly by
standard surface mount equipment. The ISL8201M is RoHS
compliant.
Typical Schematic
Features
• Complete Switch Mode Power Supply
• Bias Voltage Range from +4.5 to +14.4V
- Wide Input Voltage Range from 1V up to 20V (see
“Input Voltage Considerations” on page 11)
• 10A DC Output Current, 17A Peak Output Current
• Adjustable +0.6V to +5V Output Range
• Up to 95% Efficiency
• Simple Voltage Mode Control
• Fixed 600kHz Switching Frequency
• Fast Transient Response
• Enable Function Option
• Pre-biased Output Start-up Capability
• Internal Soft-Start
• Overcurrent Protection by Low-Side MOSFET rDS(ON)
Sensing (Non-Latching, Auto-Recovery)
• Small Footprint, Low Profile Surface Mount QFN Package
(15mmx15mmx3.5mm)
• RoHS Compliant
Applications
•Servers
• Industrial Equipment
• Point of Load Regulation
• Other General Purpose Step-Down DC/DC
• Telecom and Datacom Applications
PGND
FB
COMP/EN
VIN
VOUT
PHASE
ISEN
PVCC
(+5V / +12V)
VIN
VOUT
CIN
COUT
RFB
ISL8201M
PGND
VIN
VO UT
FB
PVCC
(+4.5V TO +20V)
VIN
VOUT
CIN
COUT
RFB
C PVCC
(+5V/+12V)
OR
(+6.5V TO 14.4V)
PVCC
ISL8201M
1.8V
10A
4.87k


Similar Part No. - ISL8201MEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201MEVAL1Z INTERSIL-ISL8201MEVAL1Z Datasheet
887Kb / 16P
10A, High Efficiency DC/DC Module
October 21, 2010
More results

Similar Description - ISL8201MEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
10A, High Efficiency DC/DC Module
July 16, 2009
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
10A, High Efficiency DC/DC Module
October 21, 2010
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
6A High Efficiency DC/DC Module
LTM4602HV LINER-LTM4602HV_15 Datasheet
334Kb / 24P
6A, 28VIN High Efficiency DC/DC Module
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
10A High Efficiency DC/DC Module
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
10A, 28VIN High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
High Efficiency DC/DC Power Module
logo
Lowpower Semiconductor ...
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com