Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTB-G6SF Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRTB-G6SF
Description  white P-LCC-6 package with diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-G6SF Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRTB-G6SF Datasheet HTML 5Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 6Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 7Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 8Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 9Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 10Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 11Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 12Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LRTB G6SF
2010-12-02
9
Durchlassstrom6) Seite 23
Forward Current6) page 23
I
F = f (VF); TS = 25 °C; red
Relative Lichtstärke6) 7) Seite 23
Relative Luminous Intensity6) 7) page 23
I
V/
I
V(20 mA) = f (IF); TS = 25 °C
Durchlassstrom6) Seite 23
Forward Current6) page 23
I
F = f (VF); TS = 25 °C; blue, true green
OHF03754
F
I
V
1.5
F
V
102
5
101
0
10
1.7 1.9
2.1 2.3 2.5
2.9
mA
I
OHL02525
F
V (20 mA)
I
I
V
5
10
0
10
1
mA 10
2
10
1
10
-2
10
5
-1
0
10
5
blue
red
true green
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
VF
F
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com