Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTB-G6SF Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LRTB-G6SF
Description  white P-LCC-6 package with diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-G6SF Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LRTB-G6SF Datasheet HTML 8Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 9Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 10Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 11Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 12Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 13Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 14Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 15Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LRTB G6SF
2010-12-02
12
Maximal zulässiger Durchlassstrom rot
Max. Permissible Forward Current red
I
F = f (T); 1 chip on
Maximal zulässiger Durchlassstrom true grün
Max. Permissible Forward Current true green
I
F = f (T); 1 chip on
Maximal zulässiger Durchlassstrom red
Max. Permissible Forward Current red
I
F = f (T); 3 chips on
Maximal zulässiger Durchlassstrom true grün
Max. Permissible Forward Current true green
I
F = f (T); 3 chips on
temp. solder point
0
0
60
40
20
temp. ambient
A
S
T
T
F
I
mA
120
80
˚C
T
OHL03752
10
20
30
40
50
60
TS
TA
30
0
0
10
20
60
temp. solder point
Do not use below 5 mA
40
20
temp. ambient
TS
TA
100
80 ˚C
T
40
F
I
50
mA
60
OHL01683
TA
TS
temp. solder point
0
0
60
40
20
temp. ambient
A
S
T
T
F
I
mA
120
80
˚C
T
OHL03753
10
20
30
40
50
60
TS
TA
Total maximum power dissipation
of all 3 chips has to be limited
to < 400 mW
30
0
0
10
20
60
Do not use below 5 mA
temp. solder point
40
20
temp. ambient
TS
TA
100
80 ˚C
T
40
F
I
50
mA
60
TA
OHL01684
TS
total maximum power
dissipation of all 3chips
has to be limited to
<400 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com