Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6521 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6521
Description  PWM Buck DC-DC and Triple Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6521 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6521 Datasheet HTML 3Page - Renesas Technology Corp ISL6521 Datasheet HTML 4Page - Renesas Technology Corp ISL6521 Datasheet HTML 5Page - Renesas Technology Corp ISL6521 Datasheet HTML 6Page - Renesas Technology Corp ISL6521 Datasheet HTML 7Page - Renesas Technology Corp ISL6521 Datasheet HTML 8Page - Renesas Technology Corp ISL6521 Datasheet HTML 9Page - Renesas Technology Corp ISL6521 Datasheet HTML 10Page - Renesas Technology Corp ISL6521 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISL6521
FN9148 Rev 2.00
Page 7 of 14
Feb 8, 2005
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for IPEAK > IOUT(MAX) + (I)/2, where I
is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
Output Voltage Selection
The output voltage of the PWM converter can be resistor-
programmed to any level between VIN and 0.8V. However,
since the value of RS1 is affecting the values of the rest of the
compensation components, it is advisable its value is kept
between 2k
 and 5k.
Output voltage selection on the linear regulators is set by
means of external resistor dividers as shown in Figure 4. The
two resistors used to set the voltage on each of the three linear
regulators have to meet the following criteria: their value while
in a parallel connection has to be less than 5k
, or otherwise
said, the following relationship has to be met:
To ensure the parallel combination of the feedback resistors
equals a certain chosen value, RFB, use the following
equations:
, where
VOUT - the desired output voltage,
VFB - feedback (reference) voltage, 0.8V.
Application Guidelines
Soft-Start Interval
The soft-start function controls the output voltages rate of rise to
limit the current surge at start-up. The soft-start function is
integrated on the chip and the soft-start interval is fixed.
PWM Controller Feedback Compensation
The PWM controller uses voltage-mode control for output
regulation. This section highlights the design consideration for
a PWM voltage-mode controller. Apply the methods and
considerations only to the PWM controller.
Figure 5 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the reference voltage level, 0.8V. The
error amplifier (Error Amp) output (VE/A) is compared with the
oscillator (OSC) triangular wave to provide a pulse-width
modulated (PWM) wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter
(LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain, given by VIN/VOSC, and shaped by the output filter, with
a double pole break frequency at FLC and a zero at FESR.
UGATE
OCSET
PHASE
OCC
+
-
GATE
CONTROL
VCC
OC
40
A
VDS(ON)
iD
VSET
ROCSET
VIN = +5V
OVERCURRENT TRIP:
IOCSET
+
+
FIGURE 3. OVERCURRENT DETECTION
PWM
DRIVE
iD rDS ON

¥IOCSET ROCSET
¥
>
VDS VSET
>
VPHASE VIN VDS
–
=
VOCSET VIN VSET
–
=
DRIVE3
FB3
FB4
COUT4
COUT3
Q3
ISL6521
VOUT3
VOUT4
+5VIN
DRIVE4
RS3
RP3
RS4
RP4
VOUT 0.8
1
RS
RP
--------
+



=
FIGURE 4. ADJUSTING THE OUTPUT VOLTAGE OF ANY OF
THE FOUR REGULATORS (OUTPUTS 3 AND 4
PICTURED)
+
+
RS RP
RS RP
+
---------------------- 5k
RS
VOUT
VFB
---------------- RFB
=
RP
RS VFB
VOUT VFB
–
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com