Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640G Datasheet(PDF) 31 Page - SPANSION

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640G Datasheet(HTML) 31 Page - SPANSION

Back Button AM29BDS640G Datasheet HTML 27Page - SPANSION AM29BDS640G Datasheet HTML 28Page - SPANSION AM29BDS640G Datasheet HTML 29Page - SPANSION AM29BDS640G Datasheet HTML 30Page - SPANSION AM29BDS640G Datasheet HTML 31Page - SPANSION AM29BDS640G Datasheet HTML 32Page - SPANSION AM29BDS640G Datasheet HTML 33Page - SPANSION AM29BDS640G Datasheet HTML 34Page - SPANSION AM29BDS640G Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
October 1, 2003 25903C1
Am29BDS640G
29
Prelimin ary
Standard Handshaking Operation
For optimal burst mode performance on devices without the handshaking option,
the host system must set the appropriate number of wait states in the flash de-
vice depending on the clock frequency.
Table 10 describes the typical number of clock cycles (wait states) for various
conditions with A14–A12 set to 101.
Table 10. Wait States for Standard Handshaking
* In the 8-, 16- and 32-word burst read modes, the address pointer does not cross
64-word boundaries (addresses which are multiples of 3Fh).
Burst Read Mode Configuration
The device supports four different burst read modes: continuous mode, and 8,
16, and 32 word linear wrap around modes. A continuous sequence begins at the
starting address and advances the address pointer until the burst operation is
complete. If the highest address in the device is reached during the continuous
burst read mode, the address pointer wraps around to the lowest address.
For example, an eight-word linear burst with wrap around begins on the starting
burst address written to the device and then proceeds until the next 8 word
boundary. The address pointer then returns to the first word of the burst se-
quence, wrapping back to the starting location. The sixteen- and thirty-two linear
wrap around modes operate in a fashion similar to the eight-word mode.
Table 11 shows the address bits and settings for the four burst read modes.
Table 11. Burst Read Mode Settings
Note: Upon power-up or hardware reset the default setting is continuous.
Burst Active Clock Edge Configuration
By default, the device will deliver data on the rising edge of the clock after the
initial synchronous access time. Subsequent outputs will also be on the following
rising edges, barring any delays. The device can be set so that the falling clock
Conditions at Address
Typical No. of Clock Cycles after
AVD# Low
40/54 MHz
Initial address is even
7
Initial address is odd
7
Initial address is even,
and is at boundary crossing*
7
Initial address is odd,
and is at boundary crossing*
7
Burst Modes
Address Bits
A16
A15
Continuous
0
0
8-word linear wrap around
0
1
16-word linear wrap around
1
0
32-word linear wrap around
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com