Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640G Datasheet(PDF) 32 Page - SPANSION

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640G Datasheet(HTML) 32 Page - SPANSION

Back Button AM29BDS640G Datasheet HTML 28Page - SPANSION AM29BDS640G Datasheet HTML 29Page - SPANSION AM29BDS640G Datasheet HTML 30Page - SPANSION AM29BDS640G Datasheet HTML 31Page - SPANSION AM29BDS640G Datasheet HTML 32Page - SPANSION AM29BDS640G Datasheet HTML 33Page - SPANSION AM29BDS640G Datasheet HTML 34Page - SPANSION AM29BDS640G Datasheet HTML 35Page - SPANSION AM29BDS640G Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
30
Am29BDS640G
25903C1 October 1, 2003
Prelimin ary
edge is active for all synchronous accesses. Address bit A17 determines this set-
ting; “1” for rising active, “0” for falling active.
RDY Configuration
By default, the device is set so that the RDY pin will output VOH whenever there
is valid data on the outputs. The device can be set so that RDY goes active one
data cycle before active data. Address bit A18 determines this setting; “1” for
RDY active with data, “0” for RDY active one clock cycle before valid data.
Configuration Register
Table 12 shows the address bits that determine the configuration register settings
for various device functions.
Table 12. Burst Mode Configuration Register
Note: Device will be in the default state upon power-up or hardware reset.
Sector Lock/Unlock Command Sequence
The sector lock/unlock command sequence allows the system to determine which
sectors are protected from accidental writes. When the device is first powered up,
all sectors are locked. To unlock a sector, the system must write the sector lock/
unlock command sequence. In the first and second cycles, the address must point
to the bank that contains the sector(s) to be locked or unlocked. The first and
second cycle data is 60h. In the third cycle, the address must point to the target
sector, and A6 is used to specify a lock (A6 = VIL) or unlock (A6 = VIH) operation.
The third cycle data is 60h. After the third cycle, the system can continue to lock
or unlock additional sectors in the same bank or exit the sector lock/unlock se-
quence by writing the reset command (F0h).
It is not possible to read from the bank selected for sector lock/unlock operations.
To enable such read operations, write the reset command.
Note that the last two outermost boot sectors can be locked by taking the WP#
signal to VIL.
Address Bit
Function
Settings (Binary)
A19
Set Device Read Mode
0 = Synchronous Read (Burst Mode) Enabled
1 = Asynchronous Mode (default)
A18
RDY
0 = RDY active one clock cycle before data
1 = RDY active with data (default)
A17
Clock
0 = Burst starts and data is output on the falling edge of CLK
1 = Burst starts and data is output on the rising edge of CLK (default)
A16
Burst Read Mode
00 = Continuous (default)
01 = 8-word linear with wrap around
10 = 16-word linear with wrap around
11 = 32-word linear with wrap around
A15
A14
Programmable
Wait State
000 = Data is valid on the 2nd active CLK edge after AVD# transition to VIH
001 = Data is valid on the 3rd active CLK edge after AVD# transition to VIH
010 = Data is valid on the 4th active CLK edge after AVD# transition to VIH
011 = Data is valid on the 5th active CLK edge after AVD# transition to VIH
100 = Data is valid on the 6th active CLK edge after AVD# transition to VIH
101 = Data is valid on the 7th active CLK edge after AVD# transition to VIH (default)
A13
A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com