Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640G Datasheet(PDF) 42 Page - SPANSION

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640G Datasheet(HTML) 42 Page - SPANSION

Back Button AM29BDS640G Datasheet HTML 38Page - SPANSION AM29BDS640G Datasheet HTML 39Page - SPANSION AM29BDS640G Datasheet HTML 40Page - SPANSION AM29BDS640G Datasheet HTML 41Page - SPANSION AM29BDS640G Datasheet HTML 42Page - SPANSION AM29BDS640G Datasheet HTML 43Page - SPANSION AM29BDS640G Datasheet HTML 44Page - SPANSION AM29BDS640G Datasheet HTML 45Page - SPANSION AM29BDS640G Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
40
Am29BDS640G
25903C1 October 1, 2003
Prelimin ary
RDY: Ready
The RDY is a dedicated output that, by default, indicates (when at logic low) the
system should wait 1 clock cycle before expecting the next word of data. Using
the RDY Configuration Command Sequence, RDY can be set so that a logic low
indicates the system should wait 2 clock cycles before expecting valid data.
RDY functions only while reading data in burst mode. The following conditions
cause the RDY output to be low: during the initial access (in burst mode), and
after the boundary that occurs every 64 words beginning with the 64th address,
3Fh.
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm
is in progress or complete, or whether the device has entered the Erase Suspend
mode. Toggle Bit I may be read at any address in the same bank, and is valid
after the rising edge of the final WE# pulse in the command sequence (prior to
the program or erase operation), and during the sector erase time-out.
During an Embedded Program or Erase algorithm operation, successive read cy-
cles to any address cause DQ6 to toggle. When the operation is complete, DQ6
stops toggling.
After an erase command sequence is written, if all sectors selected for erasing
are protected, DQ6 toggles for approximately 100 µs, then returns to reading
array data. If not all selected sectors are protected, the Embedded Erase algo-
rithm erases the unprotected sectors, and ignores the selected sectors that are
protected.
The system can use DQ6 and DQ2 together to determine whether a sector is ac-
tively erasing or is erase-suspended. When the device is actively erasing (that is,
the Embedded Erase algorithm is in progress), DQ6 toggles. When the device en-
ters the Erase Suspend mode, DQ6 stops toggling. However, the system must
also use DQ2 to determine which sectors are erasing or erase-suspended. Alter-
natively, the system can use DQ7 (see the subsection on DQ7: Data# Polling).
If a program address falls within a protected sector, DQ6 toggles for approxi-
mately 1 ms after the program command sequence is written, then returns to
reading array data.
DQ6 also toggles during the erase-suspend-program mode, and stops toggling
once the Embedded Program algorithm is complete.
See the following for additional information: Figure 4 (toggle bit flowchart), DQ6:
Tog g le
Bit
I
(de scrip tio n),
Figu re 28 ,
“ To gg l e
Bit
Timin gs
(During Embedded Algorithm),” on page 65 (toggle bit timing diagram), and
Table 14, “DQ6 and DQ2 Indications,” on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com