Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2030 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # REF2030
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2030 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF2030 Datasheet HTML 14Page - Texas Instruments REF2030 Datasheet HTML 15Page - Texas Instruments REF2030 Datasheet HTML 16Page - Texas Instruments REF2030 Datasheet HTML 17Page - Texas Instruments REF2030 Datasheet HTML 18Page - Texas Instruments REF2030 Datasheet HTML 19Page - Texas Instruments REF2030 Datasheet HTML 20Page - Texas Instruments REF2030 Datasheet HTML 21Page - Texas Instruments REF2030 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
RSHUNT
±ILOAD
VBUS
+
IN+
IN-
REF
OUT
+
Bandgap
V+
VCC
VREF
VBIAS
VIN
EN
GND
GND
VOUT
REF20xx
INA213B
+
±
+
±
ADC
VREF
18
REF2025, REF2030, REF2033, REF2041
SBOS600C – MAY 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The low-drift, bidirectional, single-supply, low-side, current-sensing solution, described in this section, can
accurately detect load currents from –2.5 A to 2.5 A. The linear range of the output is from 250 mV to 2.75 V.
Positive current is represented by output voltages from 1.5 V to 2.75 V, whereas negative current is represented
by output voltages from 250 mV to 1.5 V. The difference amplifier is the INA213 current-shunt monitor, whose
supply and reference voltages are supplied by the low-drift REF2030.
10.2 Typical Application
10.2.1 Low-Side, Current-Sensing Application
Figure 49. Low-Side, Current-Sensing Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com