Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2030 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # REF2030
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2030 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF2030 Datasheet HTML 18Page - Texas Instruments REF2030 Datasheet HTML 19Page - Texas Instruments REF2030 Datasheet HTML 20Page - Texas Instruments REF2030 Datasheet HTML 21Page - Texas Instruments REF2030 Datasheet HTML 22Page - Texas Instruments REF2030 Datasheet HTML 23Page - Texas Instruments REF2030 Datasheet HTML 24Page - Texas Instruments REF2030 Datasheet HTML 25Page - Texas Instruments REF2030 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
±800
±600
±400
±200
0
200
400
600
800
±3
±2
±1
0
1
2
3
Load current (mA)
C00
-40°C
0°C
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
3
-3
-2
-1
0
1
2
3
Load current (mA)
C00
±800
±600
±400
±200
0
200
400
600
800
±3
±2
±1
0
1
2
3
Load current (mA)
C00
-40°C
0°C
25°C
85°C
125°C
22
REF2025, REF2030, REF2033, REF2041
SBOS600C – MAY 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
10.2.1.3 Application Curves
Performing a two-point calibration at 25°C removes the errors associated with offset voltage, gain error, and so
forth. Figure 54 to Figure 56 show the measured error at different conditions. For a more detailed description on
measurement procedure, calibration, and calculations, please refer to TIDU357.
Figure 54. Measured Transfer Function
Figure 55. Uncalibrated Error vs Load Current
Figure 56. Calibrated Error vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com