Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2030 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF2030
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2030 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF2030 Datasheet HTML 9Page - Texas Instruments REF2030 Datasheet HTML 10Page - Texas Instruments REF2030 Datasheet HTML 11Page - Texas Instruments REF2030 Datasheet HTML 12Page - Texas Instruments REF2030 Datasheet HTML 13Page - Texas Instruments REF2030 Datasheet HTML 14Page - Texas Instruments REF2030 Datasheet HTML 15Page - Texas Instruments REF2030 Datasheet HTML 16Page - Texas Instruments REF2030 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
0
10
20
30
40
50
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
REF (%)
C041
0
10
20
30
40
50
60
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
BIAS (%)
C040
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
13
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600C – MAY 2014 – REVISED JANUARY 2017
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF20xx have differing coefficients of thermal expansion, resulting
in stress on the device die when the part is heated. Mechanical and thermal stress on the device die can cause
the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow soldering is a
common cause of this error.
In order to illustrate this effect, a total of 92 devices were soldered on four printed circuit boards [23 devices on
each printed circuit board (PCB)] using lead-free solder paste and the paste manufacturer suggested reflow
profile. The reflow profile is as shown in Figure 40. The printed circuit board is comprised of FR4 material. The
board thickness is 1.57 mm and the area is 171.54 mm × 165.1 mm.
The reference and bias output voltages are measured before and after the reflow process; the typical shift is
displayed in Figure 41 and Figure 42. Although all tested units exhibit very low shifts (< 0.01%), higher shifts are
also possible depending on the size, thickness, and material of the printed circuit board. An important note is that
the histograms display the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is
common on PCBs with surface-mount components on both sides, causes additional shifts in the output bias
voltage. If the PCB is exposed to multiple reflows, the device should be soldered in the second pass to minimize
its exposure to thermal stress.
Figure 40. Reflow Profile
Figure 41. Solder Heat Shift Distribution, VREF (%)
Figure 42. Solder Heat Shift Distribution, VBIAS (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com