Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7641ILTZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641ILTZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7641ILTZ Datasheet HTML 1Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 2Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 3Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 4Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 5Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 6Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 7Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 8Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 4 of 19
February 22, 2006
OPERATIONAL AMPLIFIERS
VSUP
Supply Operating Range
4.5
18
V
ISUP
Supply Current per Amplifier
600
800
µA
VOS
Offset Voltage
312
mV
IB
Input Bias Current
-50
+50
nA
CMIR
Common Mode Input Range
0
VSUP
V
CMRR
Common Mode Rejection Ratio
60
90
dB
AOL
Open Loop Gain
110
dB
VOH
Output Voltage High
IOUT = 100µA
VSUP
-15
VSUP
-2
mV
IOUT = 5mA
VSUP
-250
VSUP
-150
mV
VOL
Output Voltage Low
IOUT = -100µA
2
30
mV
IOUT = -5mA
100
150
mV
ISC
Short-Circuit Current
100
150
mA
ICONT
Continuous Output Current
±50
mA
PSRR
Power Supply Rejection Ratio
60
100
dB
BW-3dB
-3dB Bandwidth
12
MHz
GBWP
Gain Bandwidth Product
8MHz
SR
Slew Rate
12
V/µs
POSITIVE LDO
VFBP
Positive Feedback Voltage
IDRVP = 100µA, TA = 25°C
1.176
1.2
1.224
V
IDRVP = 100µA
1.176
1.2
1.229
V
VFTP
VFBP Fault Trip Level
VFBP falling
0.82
0.9
0.98
V
IBP
Positive LDO Input Bias Current
VFBP = 1.4V
-50
50
nA
VPOS/
IPOS
FBP Load Regulation
VDRVP = 25V, IDRVP = 0 to 20µA
0.5
%
IDRVP
Sink Current
VFBP = 1.1V, VDRVP = 10V
2
4
mA
ILEAKP
DRVP Off Leakage Current
VFBP = 1.4V, VDRVP = 30V
0.1
10
µA
tSSP
Soft-Start Period
CDEL = 220nF
2
ms
NEGATIVE LDO
VFBN
FBN Regulation Voltage
IDRVN = 0.2mA, TA = 25°C
0.173
0.203
0.233
V
IDRVN = 0.2mA
0.171
0.203
0.235
V
VFTN
VFBN Fault Trip Level
VFBN rising
380
430
480
mV
IBN
Negative LDO Input Bias Current
VFBN = 250mV
-50
50
nA
FBN Load Regulation
VDRVN = -6V, IDRVN = 2µA to 20µA
0.5
%
IDRVN
Source Current
VFBN = 500mV, VDRVN = -6V
2
4
mA
ILEAKN
DRVN Off Leakage Current
VFBP = 1.35V, VDRVP = 30V
0.1
10
µA
tSSN
Soft-start Period
CDEL = 220nF
2
ms
Electrical Specifications
VIN = 3V, VBOOST = VSUP = 12V, VSRC = 20V, Over temperature from -40°C to 85°C.
Unless Otherwise Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com