Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7641ILTZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641ILTZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL7641ILTZ Datasheet HTML 4Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 5Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 6Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 7Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 8Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 9Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 10Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 11Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 8 of 19
February 22, 2006
FIGURE 7. BOOST PULSE LOAD TRANSIENT RESPONSE
FIGURE 8. VON LOAD REGULATION
FIGURE 9. VON LINE REGULATION
FIGURE 10. VOFF LOAD REGULATION
FIGURE 11. VOFF LINE REGULATION
FIGURE 12. START-UP SEQUENCE
Typical Performance Curves (Continued)
BOOST OUTPUT
(AC COUPLING)
VBOOST=12V
COUT=30µF
VOLTAGE
BOOST OUTPUT
CURRENT
-0.25
-0.2
-0.15
-0.1
-0.05
0
5
1015
2025
30
VON LOAD CURRENT (mA)
VON=20V
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
20
21
22
23
24
25
26
INPUT VOLTAGE (V)
VON=20V
ILOAD=20mA
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
5
101520
2530
LOAD CURRENT (mA)
VOFF=-8V
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-15-14
-13-12
-11
-10
INPUT VOLTAGE (V)
VOFF=-8V
ILOAD=50mA
VCDLY
VBOOST
VON
VOFF
CDEL=220nF
TIME (20ms/DIV)
EL7640, EL7641, EL7642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com