Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7641ILTZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641ILTZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL7641ILTZ Datasheet HTML 3Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 4Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 5Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 6Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 7Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 8Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 9Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 10Page - Renesas Technology Corp EL7641ILTZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 7 of 19
February 22, 2006
Typical Performance Curves
FIGURE 1. BOOST EFFICIENCY AT VOUT = 12V (PI MODE)
FIGURE 2. BOOST EFFICIENCY AT VOUT = 12V (P MODE)
FIGURE 3. BOOST LOAD REGULATION vs LOAD CURRENT
(PI MODE)
FIGURE 4. BOOST LOAD REGULATION vs LOAD CURRENT
(P MODE)
FIGURE 5. BOOST LINE REGULATION vs INPUT VOLTAGE
(PI MODE)
FIGURE 6. BOOST LINE REGULATION vs INPUT VOLTAGE
(P MODE)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=5V
VIN=3V
78
80
82
84
86
88
90
92
94
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=5V
VIN=3V
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=5V
VIN=3V
-14
-12
-10
-8
-6
-4
-2
0
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=3.3V
VIN=5.0V
0
0.02
0.04
0.06
0.08
0.1
0.12
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
0.5
0
1
1.5
2
2.5
3.5
33.5
44.5
5
5.5
6
INPUT VOLTAGE (V)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com