Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2244CSZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL2244CSZ
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2244CSZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL2244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EL2244, EL2444
FN7059 Rev 2.00
Page 7 of 11
May 16, 2005
Typical Performance Curves (Continued)
Differential Gain and
Phase vs DC Input
Offset at 3.58MHz
Differential Gain and
Phase vs DC Input
Offset at 4.43MHz
Differential Gain and
Phase vs Number of
150
 Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
 Loads at 4.43MHz
Channel Separation
vs Frequency
Gain-Bandwidth Product vs Load Capacitance
60
50
40
30
20
10
0
110
10k
100
1k
Load Capacitance (pF)
VS=±15V
AV=-2
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity Test
Board
1.8
1.6
1.2
0.8
0.6
0.4
0.2
0
0
255075
100
150
Ambient Temperature (°C)
85
1.54W
1.25W
1.042W
781mW
125
1.4
1
SO8
JA=160°C/W
SO14
JA=120°C/W
PDIP14
JA=81°C/W
PDIP8
JA=100°C/W
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity Test
Board
2
1.8
1.6
1.4
1.2
0.8
0.4
0
0
255075
100
150
Ambient Temperature (°C)
85
1.786W
125
1
0.6
0.2
1.420W
1.136W
SO8
JA=110°C/W
SO14
JA=88°C/W
PDIP14
JA=70°C/W
Overshoot vs Load Capacitance
60
50
40
30
20
10
0
510
30
50
15
35
25
45
20
40
Load Capacitance (pF)
VS=±15V
RG=Open
PDIP8
JA=85°C/W
1.471W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com