Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2244CSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL2244CSZ
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2244CSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL2244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EL2244, EL2444
FN7059 Rev 2.00
Page 8 of 11
May 16, 2005
Simplified Schematic (Per Amplifier)
Burn-In Circuit (Per Amplifier)
Applications Information
Product Description
The EL2244 and EL2444 are low-power wideband monolithic
operational amplifiers built on Elantec's proprietary high-speed
complementary bipolar process. The EL2244 and EL2444 use
a classical voltage-feedback topology which allows them to be
used in a variety of applications where current-feedback
amplifiers are not appropriate because of restrictions placed
upon the feedback element used with the amplifier. The
conventional topology of the EL2244 and EL2444 allows, for
example, a capacitor to be placed in the feedback path,
making it an excellent choice for applications such as active
filters, sample-and-holds, or integrators. Similarly, because of
the ability to use diodes in the feedback network, the EL2244
and EL2444 are an excellent choice for applications such as
fast log amplifiers.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL2244 and EL2444, it is possible to exceed
the 150°C maximum junction temperatures under certain load
and power-supply conditions. It is therefore important to
calculate the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified for the
EL2244 and EL2444 to remain in the safe operating area.
These parameters are related as follows:
where:
PDMAXTOTAL is the sum of the maximum power dissipation of
each amplifier in the package (PDMAX). PDMAX for each
amplifier can be calculated as follows:
where:
TMAX = Maximum ambient temperature
JA = Thermal resistance of the package
PDMAX = Maximum power dissipation of each amplifier
VS = Supply voltage
ISMAX = Maximum supply current of each amplifier
VOUTMAX = Maximum output voltage swing of the
application
RL = Load resistance
To serve as a guide for the user, we can calculate maximum
allowable supply voltages for the example of the video cable-
driver below since we know that TJMAX = 150°C, TMAX =
85°C, ISMAX = 7.6mA per amplifier, and the package JAs are
shown in Table 1. If we assume (for this example) that we are
driving a back-terminated video cable, then the maximum
average value (over duty-cycle) of VOUTMAX is 1.4V, and RL =
150
, giving the results seen in Table 1.
Single-Supply Operation
The EL2244 and EL2444 have been designed to have a wide
input and output voltage range. This design also makes the
EL2244 and EL2444 an excellent choice for single-supply
operation. Using a single positive supply, the lower input
voltage range is within 100mV of ground (RL = 500), and the
lower output voltage range is within 300mV of ground. Upper
ALL PACKAGES USE THE SAME SCHEMATIC
TABLE 1.
PART
PACKAGE
JA
MAX PDISS
@TMAX
MAX VS
DUALS
EL2244CN
PDIP8
100°C/W
0.650W @85°C
±16.6V
EL2244CS
SO8
160°C/W
0.406W @85°C
±10.5V
QUADS
EL2444CN
PDIP14
81°C/W
0.802W @85°C
±11.5V
EL2444CS
SO14
120°C/W
0.542W @85°C
±7.5V
TJMAX
TMAX JA PDMAXTOTAL

+
=
PDMAX
2VS ISMAX VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com