Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2244CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2244CSZ
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2244CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2244CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2244CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN7059 Rev 2.00
Page 1 of 11
May 16, 2005
FN7059
Rev 2.00
May 16, 2005
EL2244, EL2444
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
DATASHEET
The EL2244 and EL2444 are dual and quad versions of the
popular EL2044. They are high speed, low power, low cost
monolithic operational amplifiers built on Elantec's
proprietary complementary bipolar process. The EL2244
and EL2444 are unity-gain stable and feature a 325V/µs
slew rate and 120MHz gain-bandwidth product while
requiring only 5.2mA of supply current per amplifier.
The power supply operating range of the EL2244 and
EL2444 is from ±18V down to as little as ±2V. For single-
supply operation, the EL2244 and EL2444 operate from 36V
down to as little as 2.5V. The excellent power supply
operating range of the EL2244 and EL2444 makes them an
obvious choice for applications on a single +5V or +3V
supply.
The EL2244 and EL2444 also feature an extremely wide
output voltage swing of ±13.6V with VS = ±15V and RL=1k.
At ±5V, output voltage swing is a wide ±3.8V with RL = 500
and ±3.2V with RL = 150. Furthermore, for single-supply
operation at +5V, output voltage swing is an excellent 0.3V
to 3.8V with RL = 500.
At a gain of +1, the EL2244 and EL2444 have a -3dB
bandwidth of 120MHz with a phase margin of 50°. Because
of their conventional voltage-feedback topology, the EL2244
and EL2444 allow the use of reactive or non-linear elements
in their feedback network. This versatility combined with low
cost and 75mA of output-current drive make the EL2244 and
EL2444 an ideal choice for price-sensitive applications
requiring low power and high speed.
Features
• 120MHz gain-bandwidth product
• Unity-gain stable
• Low supply current (per amplifier)
- 5.2mA at VS = ±15V
• Wide supply range - 2.5V to 36V
• High slew rate - 325V/µs
• Fast settling - 80ns to 0.1% for a 10V step
• Low differential gain - 0.04% at AV =+2, RL = 150
• Low differential phase - 0.15° at AV = +2, RL = 150
• Wide output voltage swing - ±13.6V with VS = ±15V,
RL =1k
• Low cost, enhanced replacement for the AD827 &
LT1229/LT1230
• Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
Pinouts
EL2244
(8-PIN SO, PDIP)
TOP VIEW
EL2444
[14-PIN SO (0.150”), PDIP]
TOP VIEW
1
2
3
4
8
7
6
5
-
+
-
+
OUT
IN1-
IN1+
V-
V+
OUT2
I
N2-
IN2+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUT1
IN1-
IN1+
V+
OUT4
IN4-
IN4+
V-
IN2+
IN2-
OUT2
I
N3+
IN3-
OUT3
-+
-
+
-+
-
+
NOT RECOMMENDED FOR NEW DESIGNS
POSSIBLE SUBSTITUTE PRODUCTS
(ISL55002, ISL55004)


Similar Part No. - EL2244CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2244CSZ INTERSIL-EL2244CSZ Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2244CSZ-T13 INTERSIL-EL2244CSZ-T13 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2244CSZ-T7 INTERSIL-EL2244CSZ-T7 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
More results

Similar Description - EL2244CSZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
August 16, 2004
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
logo
Elantec Semiconductor
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com