Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5146CSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL5146CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 9 of 24
March 31, 2011
FIGURE 15. OFFSET VOLTAGE vs DIE TEMPERATURE
(6 TYPICAL SAMPLES)
FIGURE 16. PSRR AND CMRR vs FREQUENCY
FIGURE 17. OUTPUT VOLTAGE SWING vs FREQUENCY FOR
THD < 1%
FIGURE 18. OUTPUT VOLTAGE SWING vs FREQUENCY FOR
THD < 0.1%
FIGURE 19. LARGE SIGNAL PULSE RESPONSE (SINGLE
SUPPLY)
FIGURE 20. SMALL SIGNAL PULSE RESPONSE (SINGLE
SUPPLY)
Typical Performance Curves
6
12
-6
0
-12
-55
65
DIE TEMPERATURE (°C)
145
-15
105
25
1k
10M
FREQUENCY (Hz)
100M
100k
1M
10k
-20
0
-60
-40
-80
20
PSRR+
CMRR
PSRR-
3
4
1
2
0
5
1M
10M
FREQUENCY (Hz)
100M
RL = 150TO 2.5V
RL = 500TO 2.5V
RF = 1k
AV = 2
3
4
1
2
0
5
1M
10M
FREQUENCY (Hz)
100M
RF = 1k
AV = 2
RL = 150TO 2.5V
RL = 500TO 2.5V
2
3
1
0
4
TIME (20ns/div)
VS = 5V
RL = 150TO 0V
RF = 1k
AV = 2
VS = 5V
RL = 150TO 0V
RF = 1k
AV = 2
1.5
1.7
1.3
1.1
1.9
TIME (20ns/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com