Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5146CSZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button EL5146CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 14Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 15Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 16Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 17Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 14 of 24
March 31, 2011
FIGURE 45. MAXIMUM POWER DISSIPATION vs AMBIENT
TEMPERATURE SINGLES (TJMAX = +150°C)
FIGURE 46. MAXIMUM POWER DISSIPATION vs AMBIENT
TEMPERATURE DUALS (TJMAX = +150°C)
FIGURE 47. MAXIMUM POWER DISSIPATION vs AMBIENT TEMPERATURE QUADS (TJMAX = +150°C)
Typical Performance Curves
AMBIENT TEMPERATURE (°C)
0
0.4
0.8
1.2
2.0
1.6
-50
10
40
70
-20
100
PDIP, JA = 110°C/W
SOIC, JA = 161°C/W
SOT23-5, JA = 256°C/W
AMBIENT TEMPERATURE (°C)
0
0.5
1.0
1.5
2.5
2.0
-50
104070
-20
100
PDIP-14, JA = 87°C/W
SOIC-14, JA = 120°C/W
PDIP-8, JA = 107°C/W
MSOP-8,10, JA = 206°C/W
SOIC-8, JA = 159°C/W
AMBIENT TEMPERATURE (°C)
0
0.5
1.0
1.5
2.5
2.0
-50
10
40
70
-20
100
SOIC-14, JA = 118°C/W
QSOP-16, JA = 158°C/W
PDIP-14, JA = 83°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com