Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5146CSZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL5146CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 14Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 15Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 16Page - Renesas Technology Corp EL5146CSZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 13 of 24
March 31, 2011
FIGURE 39. SUPPLY CURRENT - ON (PER AMP) vs DIE
TEMPERATURE
FIGURE 40. SUPPLY CURRENT - OFF (PER AMP) vs DIE
TEMPERATURE
FIGURE 41. POSITIVE OUTPUT VOLTAGE SWING vs DIE
TEMPERATURE
FIGURE 42. NEGATIVE OUTPUT VOLTAGE SWING vs DIE
TEMPERATURE
FIGURE 43. OUTPUT VOLTAGE FROM EITHER RAIL vs DIE
TEMPERATURE FOR VARIOUS EFFECTIVE
RLOAD
FIGURE 44. OFF ISOLATION - EL5146 AND EL5246
Typical Performance Curves
-55
DIE TEMPERATURE (°C)
145
-15
105
65
6
7
5
4
9
8
25
-55
DIE TEMPERATURE (°C)
145
-15
105
65
2
3
1
0
5
4
25
-55
DIE TEMPERATURE (°C)
145
-15
105
65
25
4.7
4.8
4.6
4.5
5.0
4.9
RL = 150TO 2.5V
RL = 150TO 0V
RL=150
RL = 150TO 2.5V
RL = 150TO 0V
-55
DIE TEMPERATURE (°C)
145
-15
105
65
25
0.2
0.3
0.1
0
0.5
0.4
-55
DIE TEMPERATURE (°C)
145
-15
105
65
25
10
1
300
100
EFFECTIVE RLOAD
= 150
EFFECTIVE RLOAD = 1
k
EFFECTIVE RLOAD =
5k
EFFECTIVE RLOAD = RL//RF TO VS/2
10k
FREQUENCY (Hz)
100M
100k
10M
1M
-80
-120
-20
-40
-60
-100
EL5146CS AND
EL5146CN
EL5246CN
EL5246CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com