Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55130IMZ Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 28Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 29Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 30Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 31Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 32Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 33Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 34Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 35Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
FN4659 Rev 13.00
Page 36 of 36
June 1, 2006
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2001-2006. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Plastic Leaded Chip Carrier Packages (PLCC)
A1
A
SEATING
PLANE
0.015 (0.38)
MIN
VIEW “A”
D2/E2
0.025 (0.64)
0.045 (1.14)
R
0.042 (1.07)
0.056 (1.42)
0.050 (1.27) TP
E
E1
PIN (1)
CL
D1
D
0.020 (0.51) MAX
3 PLCS
0.026 (0.66)
0.032 (0.81)
0.050 (1.27)
MIN
0.013 (0.33)
0.021 (0.53)
0.025 (0.64)
MIN
VIEW “A” TYP.
0.004 (0.10)
C
-C-
D2/E2
CL
NE
ND
IDENTIFIER
(0.12)
M
DS
- B S
AS
0.042 (1.07)
0.048 (1.22)
0.005
N32.45x55 (JEDEC MS-016AE ISSUE A)
32 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.125
0.140
3.18
3.55
-
A1
0.060
0.095
1.53
2.41
-
D
0.485
0.495
12.32
12.57
-
D1
0.447
0.453
11.36
11.50
3
D2
0.188
0.223
4.78
5.66
4, 5
E
0.585
0.595
14.86
15.11
-
E1
0.547
0.553
13.90
14.04
3
E2
0.238
0.273
6.05
6.93
4, 5
N28
28
6
ND
7
7
7
NE
9
9
7
Rev. 0 7/98
NOTES:
1. Controlling dimension: INCH. Converted millimeter dimen-
sions are not necessarily exact.
2. Dimensions and tolerancing per ANSI Y14.5M-1982.
3. Dimensions D1 and E1 do not include mold protrusions. Al-
lowable mold protrusion is 0.010 inch (0.25mm) per side.
Dimensions D1 and E1 include mold mismatch and are mea-
sured at the extreme material condition at the body parting
line.
4. To be measured at seating plane
contact point.
5. Centerline to be determined where center leads exit plastic
body.
6. “N” is the number of terminal positions.
7. ND denotes the number of leads on the two shorts sides of the
package, one of which contains pin #1. NE denotes the num-
ber of leads on the two long sides of the package.
-C-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com